Electronic Components Datasheet Search
  English  ▼

X  

BC848 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BC848
Description  Ideally suited for automatic insertion
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC848 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BC848 Datasheet HTML 1Page - Rectron Semiconductor BC848 Datasheet HTML 2Page - Rectron Semiconductor BC848 Datasheet HTML 3Page - Rectron Semiconductor BC848 Datasheet HTML 4Page - Rectron Semiconductor BC848 Datasheet HTML 5Page - Rectron Semiconductor BC848 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MAXIMUM RATINGS (T =25
℃ unless otherwise noted)
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
BC846
BC847
BC848
80
50
30
V
VCEO
Collector-Emitter Voltage
BC846
BC847
BC848
65
45
30
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current –Continuous
0.1
A
PC
Collector Power Dissipation
200
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
RΘJA
Thermal Resistance From Junction To Ambient
℃/W
625
FEATURES
Ideally suited for automatic insertion
For Switching and AF Amplifier Applications
BC846V
THRU
BC848V
P/N suffix V means AEC-Q101qualified,
e.g:BC846V
P/N suffix V means Halogen-free
2020-11/02
REV:O


Similar Part No. - BC848

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC848 GE-BC848 Datasheet
301Kb / 6P
Small Signal Transistors (NPN)
logo
KEC(Korea Electronics)
BC848 KEC-BC848 Datasheet
249Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
AUK corp
BC848 AUK-BC848 Datasheet
82Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
logo
Infineon Technologies A...
BC848 INFINEON-BC848 Datasheet
216Kb / 8P
NPN Silicon AF Transistors
Nov-20-2002
More results

Similar Description - BC848

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
1N4448 HY-1N4448 Datasheet
103Kb / 2P
Surface Mount Package Ideally Suited For Automatic Insertion
logo
Yea Shin Technology Co....
MMBD3004C YEASHIN-MMBD3004C Datasheet
437Kb / 2P
Surface Mount Package Ideally Suited for Automatic Insertion
logo
Nanjing International G...
BC847 DGNJDZ-BC847 Datasheet
228Kb / 3P
Ideally suited for automatic insertion
BC856A DGNJDZ-BC856A Datasheet
727Kb / 2P
Ideally suited for automatic insertion
logo
DIYI Electronic Technol...
KMB22S DYELEC-KMB22S Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
logo
SHIKUES Electronics
BAS16 SKTECHNOLGY-BAS16 Datasheet
1Mb / 2P
Surface Mount Package Ideally Suited for Automatic Insertion
BAS19 SKTECHNOLGY-BAS19 Datasheet
774Kb / 3P
Surface Mount Package Ideally Suited for Automatic Insertion
BAS19W SKTECHNOLGY-BAS19W Datasheet
1Mb / 2P
Surface Mount Package Ideally Suited for Automatic Insertion
logo
Shanghai Leiditech Elec...
BAS19 LEIDITECH-BAS19 Datasheet
415Kb / 3P
Surface mount package ideally suited for Automatic insertion
logo
Rectron Semiconductor
BC856V RECTRON-BC856V Datasheet
518Kb / 6P
Ideally suited for automatic insertion
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com