Electronic Components Datasheet Search
  English  ▼

X  

HMC445LP4E Datasheet(PDF) 1 Page - Analog Devices

Part # HMC445LP4E
Description  SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC445LP4E Datasheet(HTML) 1 Page - Analog Devices

  HMC445LP4E Datasheet HTML 1Page - Analog Devices HMC445LP4E Datasheet HTML 2Page - Analog Devices HMC445LP4E Datasheet HTML 3Page - Analog Devices HMC445LP4E Datasheet HTML 4Page - Analog Devices HMC445LP4E Datasheet HTML 5Page - Analog Devices HMC445LP4E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
5 - 54
General Description
Features
Functional Diagram
Output Power: +7 dBm
Sub-Harmonic Suppression: >25 dBc
SSB Phase Noise: -130 dBc/Hz
Single Supply: 5V @ 78 mA
24 Lead 4x4 mm SMT Package: 16 mm2
Electrical Specifications, T
A = +25° C, Vcc= 5V
Typical Applications
Active Multiplier for X Band Applications:
• Fiber Optic
• Point-to-Point Radios
• Military Radar
The
HMC445LP4
&
HMC445LP4E
are
active
miniature x16 frequency multipliers utilizing InGaP
GaAs HBT technology in 4x4 mm leadless surface
mount packages. Power output is +7 dBm typical
from a 5V supply voltage and varies little vs. input
power, temperature and supply voltage. Suppression
of undesired fundamental and sub-harmonics is >25
dBc typical with respect to output signal level. The
low additive SSB phase noise of -130 dBc/Hz at 100
kHz offset helps the user maintain good system noise
performance. The HMC445LP4 & HMC445LP4E are
ideal for use in LO multiplier chains allowing reduced
parts count vs. traditional approaches.
Parameter
Min.
Typ.
Max.
Units
Frequency Range, Input
618.75 - 687.50
MHz
Frequency Range, Output
9.9 - 11.0
GHz
Input Power Range
-15
5
dBm
Output Power
47
dBm
Sub-Harmonic Suppression
25
dBc
Input Return Loss
28
dB
Output Return Loss
7dB
SSB Phase Noise (100 kHz Offset)
Pin= 0 dBm
-130
dBc/Hz
Supply Current (Icc)
78
104
mA
HMC445LP4 / 445LP4E
SMT GaAs HBT MMIC x16 ACTIVE
FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
v04.0210
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC445LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC445LP4E HITTITE-HMC445LP4E Datasheet
252Kb / 6P
SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
More results

Similar Description - HMC445LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC369LP3 HITTITE-HMC369LP3 Datasheet
258Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4 Datasheet
248Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC445LP4 HITTITE-HMC445LP4 Datasheet
248Kb / 6P
SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3_07 Datasheet
223Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC445LP4 HITTITE-HMC445LP4_07 Datasheet
632Kb / 6P
SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4_07 Datasheet
627Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3_10 Datasheet
235Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4_10 Datasheet
250Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC445LP4 HITTITE-HMC445LP4_10 Datasheet
252Kb / 6P
SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
logo
Analog Devices
HMC444LP4 AD-HMC444LP4 Datasheet
365Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com