Electronic Components Datasheet Search
  English  ▼

X  

HMC536LP2E Datasheet(PDF) 1 Page - Analog Devices

Part # HMC536LP2E
Description  GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC536LP2E Datasheet(HTML) 1 Page - Analog Devices

  HMC536LP2E Datasheet HTML 1Page - Analog Devices HMC536LP2E Datasheet HTML 2Page - Analog Devices HMC536LP2E Datasheet HTML 3Page - Analog Devices HMC536LP2E Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 144
HMC536LP2 / 536LP2E
GaAs MMIC POSITIVE CONTROL
T/R SWITCH, DC - 6 GHz
v02.0409
General Description
Features
Functional Diagram
Input P0.1dB: +33 dBm @ +5V
Insertion Loss: 0.6 dB
Positive Control: +3V or +5V
Isolation: 27 dB
2x2 mm Leadless DFN SMT Package, 4 mm2
Typical Applications
The HMC536LP2(E) is ideal for:
• Cellular/PCS/3G Infrastructure
• WiMAX, WiBro & Fixed Wireless
• CATV/CMTS
• Test Instrumentation
The HMC536LP2(E) is a DC to 6 GHz GaAs MMIC T/R
switch in leadless 2x2 mm DFN LP2 surface mount
packages with an exposed ground paddle. The switch
is ideal for cellular, WiMAX, & WiBro access point
and subscriber applications featuring low 0.6 dB inser-
tion loss and high +54 dBm input IP3. Power handling
is excellent up through 6 GHz with the switch offering
a P0.1dB compression point of +29 dBm at +3V and
+33 dBm at +5V control.
On-chip circuitry allows
positive voltage control of 0/+3V or 0/+5V at very low
DC currents.
The HMC536LP2(E) occupy only
4 mm2 and are ideal for applications where small size
is required.
Electrical Specifications, T
A = +25° C, Vctl =
0/+3 Vdc to +5 Vdc, 50 Ohm System
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 3.0 GHz
DC - 4.5 GHz
DC - 6.0 GHz
0.6
0.7
1.0
0.9
1.0
1.3
dB
dB
dB
Isolation (RFC to RF1/RF2)
DC - 4.0 GHz
4.0 - 5.0 GHz
5.0 - 6.0 GHz
23
26
24
27
30
29
dB
dB
dB
Return Loss
DC - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 6.0 GHz
20
20
12
dB
dB
dB
Input Power for 0.1 dB Compression
(Vctl = 3V)
(Vctl = 5V)
0.5 - 6.0 GHz
0.5 - 6.0 GHz
27
31
29
33
dBm
dBm
Input Third Order Intercept
(Vctl = 3V, 5V)
(Two-Tone Input Power = +7 dBm Each Tone)
0.5 - 1.0 GHz
1.0 - 3.0 GHz
3.0 - 6.0 GHz
54
52
49
dBm
dBm
dBm
Switching Speed
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 6.0 GHz
33
70
ns
ns
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC536LP2E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC536LP2E HITTITE-HMC536LP2E Datasheet
213Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC536LP2E HITTITE-HMC536LP2E Datasheet
163Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
More results

Similar Description - HMC536LP2E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC536MS8G HITTITE-HMC536MS8G Datasheet
198Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC536LP2 HITTITE-HMC536LP2 Datasheet
213Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC536LP2 HITTITE-HMC536LP2_09 Datasheet
163Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC536MS8G HITTITE-HMC536MS8G_08 Datasheet
204Kb / 6P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
HMC224MS8 HITTITE-HMC224MS8_10 Datasheet
154Kb / 4P
GaAs MMIC T/R SWITCH 5 - 6 GHz
HMC544A HITTITE-HMC544A Datasheet
681Kb / 8P
GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Analog Devices
HMC536MS8G AD-HMC536MS8G Datasheet
460Kb / 4P
GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com