Electronic Components Datasheet Search
  English  ▼

X  

RT2N46 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RT2N46
Description  Single, PNP, -30V, -3A, Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RT2N46 Datasheet(HTML) 1 Page - Rectron Semiconductor

  RT2N46 Datasheet HTML 1Page - Rectron Semiconductor RT2N46 Datasheet HTML 2Page - Rectron Semiconductor RT2N46 Datasheet HTML 3Page - Rectron Semiconductor RT2N46 Datasheet HTML 4Page - Rectron Semiconductor RT2N46 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Single, PNP, -30V, -3A, Power Transistor
Descriptions
The RT2N46 is PNP bipolar power transistor with
very low saturation voltage. This device is suitable for
use in charging circuit and power management.
Standard Product RT2N46 is Pb-free.
Features
z
Low collector-to-emitter saturation voltage
z
High Collector current
z
Small package DFN2x2-3L
Applications
z
Power Management
z
Charging
Pin configuration (Top view)
Circuit diagram
2N46 = Device Code
YY
WW =Week:01 52
Marking
Order information
Device
Package
Shipping
RT2N46
DFN2*2-3L
3000/Reel&Tape
RT2N46
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
-30
V
Collector-base voltage
VCBO
-30
V
Emitter-base voltage
VEBO
-6
V
Continues collector current 1
IC
-3
A
Continues collector current 2
-2
A
Pulse collector current
ICM
-6
A
Power dissipation 1
PD
2
W
Power dissipation 2
1.5
W
Junction Temperature
TJ
150
°C
Lead Temperature
TL
260
°C
Storage Temperature Range
T
stg
-55
155
°C
NOTE:1.Surfacemounted on FR4 Board using 1 square inchpad size, 1ozcopper
2.Surface mounted on FR4 board using minimum pad size, 1oz copper
2020-04/97
REV:O
2N46
YYWW
=Year:2020---20
2021---21...
~


Similar Part No. - RT2N46

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RT2N46S2 RECTRON-RT2N46S2 Datasheet
710Kb / 5P
SIlicon PNP -30V, -3A, Power Transistor
More results

Similar Description - RT2N46

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
logo
Rohm
2SAR552PFRA ROHM-2SAR552PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-30V / -3A)
logo
Will Semiconductor Ltd.
WPT2E33 WILLSEMI-WPT2E33 Datasheet
266Kb / 4P
Single, PNP, -30V, -3A, Power Transistor
WPT2F30 WILLSEMI-WPT2F30 Datasheet
158Kb / 4P
Single, PNP, -30V, -3A, Power Transistor
WPT2F42 WILLSEMI-WPT2F42 Datasheet
95Kb / 4P
Single, PNP, -30V, -3A, Power Transistor
WPT2N31 WILLSEMI-WPT2N31 Datasheet
1Mb / 9P
Single, PNP, -30V, -3A, Power Transistor with 20V N-MOSFET
WPT2N41 WILLSEMI-WPT2N41 Datasheet
813Kb / 5P
Single, PNP, -30V, -3A, Power Transistor
WPT2N46 WILLSEMI-WPT2N46 Datasheet
599Kb / 5P
Single, PNP, -30v, -3A, Power Transistor
logo
Rectron Semiconductor
RT2N46S2 RECTRON-RT2N46S2 Datasheet
710Kb / 5P
SIlicon PNP -30V, -3A, Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com