Electronic Components Datasheet Search
  English  ▼

X  

TIP31CK Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # TIP31CK
Description  Medium Power Linear Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TIP31CK Datasheet(HTML) 1 Page - Rectron Semiconductor

  TIP31CK Datasheet HTML 1Page - Rectron Semiconductor TIP31CK Datasheet HTML 2Page - Rectron Semiconductor TIP31CK Datasheet HTML 3Page - Rectron Semiconductor TIP31CK Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Marking code
TIP31C
Silicon NPN triode
1
base 2
collector 3
emitter
FEATURES
Medium Power Linear Switching Applications
Complementary to TIP32C
Maximum ratings(Ta=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
100
V
Collector-Emitter Voltage
V
100
V
Emitter-Base Voltage
V
5V
Collector Current
I
3A
Collector Power Dissipation
P
2W
Junction Temperature
T
Storage Temperature
Tstg
Electrical Characteristics (Ta=25
unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Max
Unit
Collector-Base Breakdown Voltage
V
IC=1mA IE=0
100
V
Collector-Emitter Sustaining Voltage
V
IC=30mA IB=0
100
V
Emitter-Base Breakdown Voltage
V
IE=1mA IC=0
5
V
Collector Cutoff Current
I
VCE=60V IB=0
0.3
mA
Collector Cutoff Current
I
VCE=100V IB=0
0.2
mA
Emitter Cutoff Current
I
VEB=5V IC=0
1
mA
DC Current Gain
HFE(1)
VCE=4V IC=1A
25
HFE(2)
VCE=4V IC=3A
15
50
Collector-Emitter Saturation Voltage
VCE(sat)
IC=3A IB=375mA
1.2
V
Base-Emitter On Voltage
V
VCE=4V IC=3A
1.8
V
transition frequency
f
VCE=10V IC=500mA
f=1MHz
3MHz
encapsulation mode
TO-252
2018-09/17
TIP31CK
@Ta=25
REV:A


Similar Part No. - TIP31CK

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP31C MOSPEC-TIP31C Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP31C MOTOROLA-TIP31C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP31C ONSEMI-TIP31C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP31C POINN-TIP31C Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP31C STMICROELECTRONICS-TIP31C Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP31CK

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIP120 FAIRCHILD-TIP120 Datasheet
45Kb / 4P
Medium Power Linear Switching Applications
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
TIP31 FAIRCHILD-TIP31 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
TIP32 FAIRCHILD-TIP32 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
TIP122 FAIRCHILD-TIP122 Datasheet
45Kb / 4P
Medium Power Linear Switching Applications
logo
First Components Intern...
TIP168A FCI-TIP168A Datasheet
108Kb / 2P
MEDIUM POWER LINEAR SWITCHING APPLICATIONS
logo
SemiHow Co.,Ltd.
TIP32 SEMIHOW-TIP32 Datasheet
479Kb / 5P
Medium Power Linear Switching Applications
TIP42 SEMIHOW-TIP42 Datasheet
481Kb / 5P
Medium Power Linear Switching Applications
logo
JILIN SINO-MICROELECTRO...
TIP41C JSMC-TIP41C Datasheet
243Kb / 4P
Medium Power Linear Switching Applications
TIP42C JSMC-TIP42C Datasheet
251Kb / 4P
Medium Power Linear Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com