Electronic Components Datasheet Search
  English  ▼

X  

EDGS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EDGS
Description  Stud Mount Edgewound Power Resistor (EDGS), Wirewound Resistors, Industrial Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EDGS Datasheet(HTML) 1 Page - Vishay Siliconix

  EDGS Datasheet HTML 1Page - Vishay Siliconix EDGS Datasheet HTML 2Page - Vishay Siliconix EDGS Datasheet HTML 3Page - Vishay Siliconix EDGS Datasheet HTML 4Page - Vishay Siliconix EDGS Datasheet HTML 5Page - Vishay Siliconix EDGS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EDGS
www.vishay.com
Vishay Milwaukee
Revision: 04-Mar-16
1
Document Number: 31863
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Stud Mount Edgewound Power Resistor (EDGS),
Wirewound Resistors, Industrial Power
FEATURES
• Resistance-alloy ribbon wire is coiled on edge
and supported on specially designed porcelain
insulators
• Open coil construction allows efficient heat
dissipation
and
easily
accommodates
reasonable overloads and surges
• Insulators provide proper turn-to-turn spacing and
insulation from threaded stud mount
• Terminals are welded to the resistive wire for a reliable
electrical connection
•Wirewound
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL
POWER RATING
W
RESISTANCE RANGE
TOLERANCE
± %
EDGS0400
400
0.053 to 1.23
10
EDGS0600
600
0.084 to 1.93
10
EDGS0800
800
0.115 to 2.64
10
EDGS1000
1000
0.146 to 3.35
10
EDGS1200
1200
0.176 to 4.04
10
EDGS1400
1400
0.200 to 4.73
10
EDGS1600
1600
0.237 to 5.44
10
PRODUCT RATINGS - AVAILABLE CURRENT, POWER, AND RESISTANCE VALUES
CURRENT
A
RESISTANCE
400 W
600 W
800 W
1000 W
1200 W
1400 W
1600 W
85
0.0530
0.0840
0.1150
0.1460
0.1760
0.2000
0.2370
80
0.0600
0.0940
0.1290
0.1630
0.1970
0.2240
0.2650
75
0.0680
0.1060
0.1450
0.1830
0.2210
0.2510
0.2980
70
0.0760
0.1190
0.1620
0.2060
0.2490
0.2820
0.3350
67
0.0850
0.1340
0.1830
0.2320
0.2800
0.3180
0.3770
63
0.0970
0.1510
0.2050
0.2620
0.3150
0.3690
0.4220
60
0.1070
0.1680
0.2300
0.2920
0.3520
0.4130
0.4740
56
0.1220
0.1920
0.2610
0.3320
0.4000
0.4700
0.5400
53
0.1360
0.2150
0.2950
0.3740
0.4580
0.5300
0.6080
50
0.1520
0.2400
0.3280
0.4150
0.5040
0.5900
0.6780
47
0.1720
0.2700
0.3690
0.4660
0.5720
0.6630
0.7600
45
0.1910
0.3000
0.4100
0.5200
0.6270
0.7350
0.8450
41.5
0.2300
0.3480
0.4650
0.5900
0.7000
0.8300
0.9400
40
0.2420
0.3800
0.5200
0.6600
0.7960
0.9300
1.070
37.4
0.2740
0.4300
0.5850
0.7400
0.8970
1.050
1.210
35
0.3120
0.4900
0.6750
0.8500
1.050
1.200
1.380
33
0.3520
0.5500
0.7500
0.9500
1.150
1.340
1.540
31
0.3950
0.6200
0.8450
1.070
1.290
1.520
1.750
29.6
0.4320
0.6850
0.9450
1.200
1.450
1.700
1.950
27.6
0.5000
0.7850
1.070
1.360
1.640
1.920
2.200
26
0.5600
0.8750
1.190
1.510
1.830
2.140
2.450
24.7
0.6280
0.9800
1.340
1.690
2.050
2.400
2.750
23.9
0.6660
1.050
1.420
1.810
2.200
2.570
2.970
22.5
0.7500
1.180
1.610
2.030
2.460
2.900
3.320
22
0.7900
1.240
1.690
2.130
2.580
3.040
3.480
20.7
0.8860
1.390
1.900
2.400
2.910
3.400
3.910
19.6
0.9900
1.560
2.130
2.700
3.260
3.830
4.400
18.5
1.110
1.740
2.370
3.000
3.620
4.250
4.900
17.2
1.230
1.930
2.640
3.350
4.040
4.730
5.440


Similar Part No. - EDGS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EDGSC0 ITT-EDGSC0 Datasheet
40Kb / 2P
ED Domes and EDM Domes
logo
C&K Components
EDGSC0LFG CK-COMPONENTS-EDGSC0LFG Datasheet
618Kb / 2P
ED & EDM Dome Series
EDGSC0LFS CK-COMPONENTS-EDGSC0LFS Datasheet
618Kb / 2P
ED & EDM Dome Series
logo
ITT Industries
EDGSC1 ITT-EDGSC1 Datasheet
40Kb / 2P
ED Domes and EDM Domes
logo
C&K Components
EDGSC1LFG CK-COMPONENTS-EDGSC1LFG Datasheet
618Kb / 2P
ED & EDM Dome Series
More results

Similar Description - EDGS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AVE VISHAY-AVE Datasheet
176Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
03-Jun-16
FSE VISHAY-FSE Datasheet
168Kb / 5P
Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
06-Dec-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
TMC VISHAY-TMC Datasheet
196Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
23-Jun-16
EDGU VISHAY-EDGU Datasheet
138Kb / 4P
Universal Edgewound Power Resistor (EDGU), Wirewound Resistors, Industrial Power
04-Mar-16
EDGF VISHAY-EDGF Datasheet
178Kb / 6P
Edgewound Power Resistor
01-Mar-15
CS63 VISHAY-CS63 Datasheet
92Kb / 2P
Customer Special Edgewound Resistor (CS63), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, EDG, EDGF, EDGU
07-Aug-14
ASE VISHAY-ASE Datasheet
178Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
03-Jun-16
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
logo
Vishay Siliconix
CS63 VISHAY-CS63_V01 Datasheet
78Kb / 2P
Customer Special Edgewound Resistor (CS63), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, EDG, EDGF, EDGU
07-Aug-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com