Electronic Components Datasheet Search
  English  ▼

X  

EDGF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # EDGF
Description  Edgewound Power Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EDGF Datasheet(HTML) 5 Page - Vishay Siliconix

  EDGF Datasheet HTML 1Page - Vishay Siliconix EDGF Datasheet HTML 2Page - Vishay Siliconix EDGF Datasheet HTML 3Page - Vishay Siliconix EDGF Datasheet HTML 4Page - Vishay Siliconix EDGF Datasheet HTML 5Page - Vishay Siliconix EDGF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EDGF, EDGA
www.vishay.com
Vishay Milwaukee
Revision: 01-Mar-15
5
Document Number: 31831
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• If “1” is selected for the terminal option, the resistor thru bolt will also be metric.
DIMENSIONS in inches (millimeters)
WATTAGE
A
B
C
WEIGHT
g
400
8.875 (225.425)
7.25 (184.15)
5.125 (130.175)
525
600
12.25 (311.15)
11 (279.4)
8.125 (206.375)
600
800
15.25 (387.35)
14 (355.6)
11 (279.4)
800
1000
18.25 (463.55)
17 (431.8)
14 (355.6)
900
1200
21.25 (539.75)
20 (508)
17 (431.8)
1100
1400
24.25 (615.95)
23 (584.2)
20 (508)
1300
1600
27.25 (692.15)
26 (660.4)
23 (584.2)
1500
METRIC OPTIONS AVAILABLE
Metric Hardware on Terminal Lugs
Use terminal designation “1” example: EDGF10001R000K1B00
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: EDGA1200R4580KXB00 (EDG1200 .458 10 % 3/4LSteel712 B)
E
D
G
A
1
200
R
4
5
8
0
K
X
B
00
MODEL
(3 digits)
TYPE
(1 digit)
SIZE
(4 digits)
VALUE
(5 digits)
TOLERANCE
(1 digit)
TERMINAL
(1 digit)
PACKAGING
(1 digit)
SPECIAL
(2 digits)
EDG
A =
Adjustable
F = Fixed
0400 =
400 W
1600 =
1600 W
Available
sizes:
0400
0600
0800
1000
1200
1400
1600
R = Decimal
R1500 = 0.15
Check datasheet
for available
value range
K = ± 10 %
X = 3/4" lug with
steel hardware
(3/4LSteel712)
B = Bulk
00 = Standard
CC = Competitor
cross (1000 W only)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com