Electronic Components Datasheet Search
  English  ▼

X  

CPCC02 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CPCC02
Description  Wirewound/Metal Oxide Resistors, Commercial Power, Vertical Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPCC02 Datasheet(HTML) 2 Page - Vishay Siliconix

  CPCC02 Datasheet HTML 1Page - Vishay Siliconix CPCC02 Datasheet HTML 2Page - Vishay Siliconix CPCC02 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CPCC, CPCF High Volume
www.vishay.com
Vishay Dale
End of Life July 2020
Revision: 05-Feb-2020
2
Document Number: 30116
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
MATERIAL SPECIFICATIONS
Part Marking: Dale, model, wattage, value, tolerance, date
code
CPCC
Element: copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: alumina ceramic
Body: steatite ceramic case with cement potting compound
End Caps: tin plated steel
Terminals: tinned copper
CPCF
Element: nickel oxide
Core: alumina ceramic
Body:
steatite
ceramic
case
with
inorganic
potting
compound
End Caps: brass alloy
Terminals: tinned copper
DERATING
CC
LD
H
0.138 ± 0.040
[3.5 ± 1]
L
W
GLOBAL
MODEL
DIMENSIONS in inches [millimeters]
H
± 0.060
[1.5]
W
± 0.040
[1.0]
L
± 0.040
[1.0]
LD
± 0.002
[0.05]
CC
+ 0.08 / - 0.04
[+ 2 / - 1]
CPCC02
0.787
[20]
0.433
[11]
0.138
[3.5]
0.031
[0.8]
0.197
[5]
CPCF02
0.787
[20]
0.433
[11]
0.138
[3.5]
0.031
[0.8]
0.197
[5]
CPCC03
0.984
[25]
0.472
[12]
0.315
[8]
0.031
[0.8]
0.197
[5]
CPCF03
0.984
[25]
0.472
[12]
0.315
[8]
0.031
[0.8]
0.197
[5]
CPCC05
0.984
[25]
0.512
[13]
0.354
[9]
0.031
[0.8]
0.197
[5]
CPCF05
0.984
[25]
0.512
[13]
0.354
[9]
0.031
[0.8]
0.197
[5]
CPCC07
1.535
[39]
0.512
[13]
0.354
[9]
0.031
[0.8]
0.197
[5]
CPCF07
1.535
[39]
0.512
[13]
0.354
[9]
0.031
[0.8]
0.197
[5]
CPCC10
1.378
[35]
0.630
[16]
0.472
[12]
0.031
[0.8]
0.295
[7.5]
CPCC1A
2.008
[51]
0.512
[13]
0.394
[10]
0.029
[0.75]
0.197
[5]
120
100
80
60
40
20
-65 -25
25
75
125
175
225
275
0
AMBIENT TEMPERATURE IN °C
Wirewound
Metal oxide
40
PERFORMANCE
TEST
CONDITIONS OF TEST
CPCC, CPCF
TEST LIMITS
Thermal Shock
-55 °C to +275 °C (+225 °C for metal oxide), 5 cycles, 30 min dwell time
± (5.0 % + 0.05
) R
Short Time Overload
5 x rated power for 5 s
± (4.0 % + 0.05
) R
Dielectric Withstanding Voltage
1000 VRMS for 1 min
± (2.0 % + 0.05
) R
Low Temperature Operation
-65 °C, full rated working voltage for 45 min
± (3.0 % + 0.05
) R
Bias Humidity
75 °C, 90 % to 100 % RH, 240 h
± (5.0 % + 0.05
) R
Load Life
1000 h at rated power, + 25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (10.0 % + 0.05
) R
Terminal Strength
5 s to 10 s 10 pound pull test
± (2.0 % + 0.05
) R
Resistance to Solder Heat
Terminal immersed 3.5 s in molten solder up to body
± (4.0 % + 0.05
) R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com