Electronic Components Datasheet Search
  English  ▼

X  

AST Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AST
Description  Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AST Datasheet(HTML) 1 Page - Vishay Siliconix

  AST Datasheet HTML 1Page - Vishay Siliconix AST Datasheet HTML 2Page - Vishay Siliconix AST Datasheet HTML 3Page - Vishay Siliconix AST Datasheet HTML 4Page - Vishay Siliconix AST Datasheet HTML 5Page - Vishay Siliconix AST Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AST
www.vishay.com
Vishay Huntington
Revision: 23-Sep-2020
1
Document Number: 31852
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Industrial Power,
Silicone Coated, Adjustable Tubular
FEATURES
• High temperature silicone coating
• Complete welded construction
• Tight tolerance of 5 % for values above 1
• Excellent stability in operation (< 3 % change in
resistance)
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P25 °C
W
RESISTANCE
RANGE
RESISTANCE
RANGE
WEIGHT
(typical)
g
± 5 %
± 10 %
AST010
AST-10
12
1.0 to 10.6K
1.0 to 10.6K
6.69
AST012
AST-12
12
1.0 to 10.6K
1.0 to 10.6K
6.69
AST020
AST-20
20
1.0 to 18K
1.0 to 18K
12.57
AST20A
HLA-15
15
1.0 to 60K
0.10 to 60K
8.64
AST025
AST-25
25
1.0 to 26K
1.0 to 26K
20.72
AST25A
AST-25A
30
1.0 to 30K
1.0 to 30K
20.72
AST25B
AST-25B
30
1.0 to 24K
1.0 to 24K
14.25
AST050
AST-50
50
1.0 to 54K
1.0 to 54K
42.08
AST50A
AST-50A
60
1.0 to 75K
1.0 to 75K
65.64
AST50B
AST-50B
70
1.0 to 84.3K
1.0 to 84.3K
64.82
AST075
AST-75
75
1.0 to 85.5K
1.0 to 85.5K
106.37
AST75A
AST-75A
90
1.0 to 114K
1.0 to 114K
183.82
AST080
HLA-80
80
1.0 to 111K
-
121.58
AST100
AST-100
100
1.0 to 131K
1.0 to 131K
91.37
AST130
AST-130
130
1.0 to 192K
1.0 to 192K
192.36
AST160
AST-160
175
1.0 to 398K
1.0 to 398K
250.8
AST175
HLA-175
175
1.0 to 398K
1.0 to 398K
250.8
AST200
AST-200
225
1.0 to 337K
1.0 to 337K
309.97
AST225
AST-225
225
1.0 to 337K
1.0 to 337K
309.97


Similar Part No. - AST

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
350Kb / 4P
LED Holder for 3 mm and 5 mm LED
AST SCHURTER-AST Datasheet
360Kb / 4P
LED Holder for 3 mm and 5 mm LED
04.01.2022
logo
Conquer Electronics Co....
AST CONQUER-AST Datasheet
286Kb / 1P
Mini-Blade Type, Transparent Body
logo
Projects Unlimited, Inc...
AST-01508MR-R PUI-AST-01508MR-R Datasheet
189Kb / 1P
Speaker
logo
PUI audio inc.
AST-01508MR-R PUIAUDIO-AST-01508MR-R Datasheet
484Kb / 3P
15mm diameter speaker with Neodymium magnet for 87 dB sensitivity
More results

Similar Description - AST

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CW10 WELWYN-CW10 Datasheet
71Kb / 2P
Tubular Cement Coated Wirewound Resistors
logo
Vishay Siliconix
RS02C1R000BB12 VISHAY-RS02C1R000BB12 Datasheet
199Kb / 4P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
09-Jan-12
AVE VISHAY-AVE Datasheet
176Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
03-Jun-16
FSE VISHAY-FSE Datasheet
168Kb / 5P
Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
06-Dec-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
FST VISHAY-FST Datasheet
154Kb / 6P
Wirewound Resistor, Industrial Power, Silicone Coated, Fixed Tubular
25-Sep-2020
ASE VISHAY-ASE Datasheet
178Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
03-Jun-16
FSTL VISHAY-FSTL Datasheet
188Kb / 4P
Wirewound Resistor, Industrial Power, Silicone Coated, Tubular
02-Sep-16
RBEA VISHAY-RBEA Datasheet
105Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Tubular,
04-Mar-16
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
08-Oct-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com