Electronic Components Datasheet Search
  English  ▼

X  

ASE0165 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ASE0165
Description  Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ASE0165 Datasheet(HTML) 1 Page - Vishay Siliconix

  ASE0165 Datasheet HTML 1Page - Vishay Siliconix ASE0165 Datasheet HTML 2Page - Vishay Siliconix ASE0165 Datasheet HTML 3Page - Vishay Siliconix ASE0165 Datasheet HTML 4Page - Vishay Siliconix ASE0165 Datasheet HTML 5Page - Vishay Siliconix ASE0165 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ASE
www.vishay.com
Vishay Huntington
Revision: 03-Jun-16
1
Document Number: 31851
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Industrial Power, Silicone Coated,
Adjustable Edgewound Tubular
FEATURES
• High temperature silicone coating
• Complete welded construction
• Tight tolerance of 5 % for values above 1
• Excellent stability in operation (< 3 % change in
resistance)
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P25 °C
W
RESISTANCE
RANGE
RESISTANCE
RANGE
WEIGHT
(typical)
g
± 5 %
± 10 %
ASE0050
ASE-50
50
1.0 to 3.8
1.0 to 3.8
18
ASE0090
ASE-90
90
0.10 to 5.7
0.10 to 5.7
36
ASE0100
ASE-100
100
1.0 to 6.1
0.15 to 6.1
41
ASE0110
ASE-110
110
1.0 to 7.4
0.20 to 7.4
49
ASE0120
ASE-120
120
1.0 to 8.6
0.1 to 8.6
54
ASE0140
HLZ-140
140
0.08 to 9.0
0.08 to 9.0
109
ASE0155
ASE-155
155
1.0 to 12.5
0.1 to 12.5
129
ASE0165
HLZ-165
165
0.35 to 13.0
0.35 to 13.0
91
ASE0180
HLZ-165
180
0.35 to 13.0
0.35 to 13.0
91
ASE0240
ASE-240
240
1.0 to 18
0.1 to 18
186
ASE0300
ASE-300
300
1.0 to 25
0.15 to 25
236
ASE0375
ASE-375
375
1.0 to 32
0.20 to 32
286
ASE0420
ASE-420
420
1.0 to 35.8
0.25 to 35.8
320
ASE0500
ASE-500
500
0.30 to 46.2
0.30 to 46.2
381
ASE0750
ASE-750
750
0.35 to 81.3
0.35 to 81.3
654
ASE1000
ASE-1000
1000
0.40 to 101.6
0.40 to 101.6
817
ASE1500
ASE-1500
1500
0.45 to 135.5
0.45 to 135.5
1090
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: ASE030020E15R0JE92 (visit www.vishay.net SAP parts manual for all options)
GLOBAL MODEL
(7 digits)
TERMINAL
DESIGNATION
(2 digits)
TERMINAL
FINISH
(1 digit)
VALUE
(4 digits)
TOLERANCE
(1 digit)
PACKAGING CODE
(1 digit)
SPECIAL
(up to 2 digits)
(see Standard
Electrical
Specifications
Global Model
column for
options)
06
15
20
21
22
E = lead
(Pb)-free
R = decimal
1R50 = 1.5
J = ± 5 %
K = ± 10 %
E = lead (Pb)-free
cell and bulk pack
(dash number)
from 1 to 99 as
applicable
91 = 100 style
horizontal thru-bolt
bracket
92 = 200 style
push-in bracket
93 = 300 style
vertical thru-bolt
bracket
Historical Part Number example: ASE-300-15-10%-BKTS
ASE-300
15
10 %
BKTS
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE
SPECIAL
S
E
0
300
2
0E1
5
R
0
A
J
E
9
2


Similar Part No. - ASE0165

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASE02008MR-LW150-R ETC2-ASE02008MR-LW150-R Datasheet
267Kb / 1P
ASE02008MR-LW150-R
logo
Projects Unlimited, Inc...
ASE02008MR-LW150-R PUI-ASE02008MR-LW150-R Datasheet
267Kb / 1P
RELEASED FROM ENGINEERING
logo
PUI audio inc.
ASE02008MR-LW150-R PUIAUDIO-ASE02008MR-LW150-R Datasheet
615Kb / 3P
20mm square speaker with 150mm lead wires for instant integration
ASE02506MS-LW90-DSM-R PUIAUDIO-ASE02506MS-LW90-DSM-R Datasheet
341Kb / 4P
Dynamic Speaker Management
logo
Projects Unlimited, Inc...
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
RELEASED FROM ENGINEERING
More results

Similar Description - ASE0165

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CW10 WELWYN-CW10 Datasheet
71Kb / 2P
Tubular Cement Coated Wirewound Resistors
logo
Vishay Siliconix
AVE VISHAY-AVE Datasheet
176Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
03-Jun-16
FSE VISHAY-FSE Datasheet
168Kb / 5P
Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
06-Dec-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
FST VISHAY-FST Datasheet
154Kb / 6P
Wirewound Resistor, Industrial Power, Silicone Coated, Fixed Tubular
25-Sep-2020
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
FSTL VISHAY-FSTL Datasheet
188Kb / 4P
Wirewound Resistor, Industrial Power, Silicone Coated, Tubular
02-Sep-16
RBEA VISHAY-RBEA Datasheet
105Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Tubular,
04-Mar-16
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
08-Oct-13
CS63 VISHAY-CS63_V01 Datasheet
78Kb / 2P
Customer Special Edgewound Resistor (CS63), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, EDG, EDGF, EDGU
07-Aug-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com