Electronic Components Datasheet Search
  English  ▼

X  

VLSHA7 Datasheet(PDF) 1 Page - Schneider Electric

Part # VLSHA7
Description  Disconnect switch, TeSys VLS, adapter for VLSH3S7RD and VLSH3S7BD handles, for 7mm shaft, for VLS3P030R2 to VLS3P125R2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VLSHA7 Datasheet(HTML) 1 Page - Schneider Electric

  VLSHA7 Datasheet HTML 1Page - Schneider Electric VLSHA7 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
VLSHA7
Disconnect switch, TeSys VLS, adapter for
VLSH3S7RD and VLSH3S7BD handles, for 7mm
shaft, for VLS3P030R2 to VLS3P125R2
Product availability : Stock - Normally stocked in distribution facility
Price* : 13.70 USD
Main
Range
TeSys
Device short name
VLSH
Product or component type
Rotary handle
Range compatibility
TeSys VARIO LS VLS3P
Handle colour
Black
Rotary handle padlocking
Without
Complementary
Tightening torque
7.08 lbf.in (0.8 N.m)
Height
1.28 in (32.4 mm)
Width
1.28 in (32.5 mm)
Depth
1.31 in (33.3 mm)
Net Weight
0.02 lb(US) (0.01 kg)
Ordering and shipping details
Category
21734 - TESYS VLS DISCONNECT SWITCHES
Discount Schedule
CP1
GTIN
03606481157027
Nbr. of units in pkg.
1
Package weight(Lbs)
4.59 oz (130 g)
Returnability
Yes
Country of origin
IT
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.38 in (3.5 cm)
Package 1 width
1.38 in (3.5 cm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jul 18, 2021
1


Similar Part No. - VLSHA7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VLSHA7 SCHNEIDER-VLSHA7 Datasheet
127Kb / 2P
Disconnect switch, TeSys VLS, adapter for VLSH3S7RD and VLSH3S7BD handles, for 7mm shaft, for VLS3P030R2 to VLS3P125R2
Jun 27, 2022
VLSHA7 SCHNEIDER-VLSHA7_V01 Datasheet
127Kb / 2P
Disconnect switch, TeSys VLS, adapter for VLSH3S7RD and VLSH3S7BD handles, for 7mm shaft, for VLS3P030R2 to VLS3P125R2
Jun 27, 2022
More results

Similar Description - VLSHA7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VLS1P125R2S SCHNEIDER-VLS1P125R2S Datasheet
80Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 125A, for 125A switch, size 2, DIN rail
Jul 18, 2021
VLS1P063R2S SCHNEIDER-VLS1P063R2S Datasheet
80Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 63A, for 30A and 63A switch, size 2, DIN rail
Jul 18, 2021
VLS1P040R1S SCHNEIDER-VLS1P040R1S Datasheet
80Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 40A, for 16A to 40A switch, size 1, DIN rail
Jul 18, 2021
VLS1P040D1S SCHNEIDER-VLS1P040D1S Datasheet
96Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 40A, for 16A to 40A switch, size 1, door mount
Jun 27, 2022
VLS1P040R1S SCHNEIDER-VLS1P040R1S_V01 Datasheet
93Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 40A, for 16A to 40A switch, size 1, DIN rail
Jun 27, 2022
VLS1P063D2S SCHNEIDER-VLS1P063D2S Datasheet
96Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 63A, for 30A and 63A switch, size 2, door mount
Jun 27, 2022
VLS1P063R2S SCHNEIDER-VLS1P063R2S_V01 Datasheet
93Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 63A, for 30A and 63A switch, size 2, DIN rail
Jun 27, 2022
VLS1P080R2S SCHNEIDER-VLS1P080R2S_V01 Datasheet
93Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 80A, for 80A switch, size 2, DIN rail
Jun 27, 2022
VLS1P100D2S SCHNEIDER-VLS1P100D2S Datasheet
96Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 100A, for 100A switch, size 2, door mount
Jun 27, 2022
VLSHA7 SCHNEIDER-VLSHA7_V01 Datasheet
127Kb / 2P
Disconnect switch, TeSys VLS, adapter for VLSH3S7RD and VLSH3S7BD handles, for 7mm shaft, for VLS3P030R2 to VLS3P125R2
Jun 27, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com