Electronic Components Datasheet Search
  English  ▼

X  

LGS17 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # LGS17
Description  Light grid
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LGS17 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  LGS17 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LGS17 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LGS17 Datasheet HTML 3Page - Pepperl+Fuchs Inc. LGS17 Datasheet HTML 4Page - Pepperl+Fuchs Inc. LGS17 Datasheet HTML 5Page - Pepperl+Fuchs Inc. LGS17 Datasheet HTML 6Page - Pepperl+Fuchs Inc. LGS17 Datasheet HTML 7Page - Pepperl+Fuchs Inc. LGS17 Datasheet HTML 8Page - Pepperl+Fuchs Inc. LGS17 Datasheet HTML 9Page - Pepperl+Fuchs Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Light grid
LGS17
< Automation light grid
< Optical resolution 17 mm
< Super-fast object detection, even with 3-way beam crossover
< Software-free adjustment of height monitoring
< Object identification using integrated object recognition
< IO-Link interface for service and process data
< Optional temperature range to
-30 °C
Automation light grid with beam spacing of 17 mm, IO-Link interface, push-pull output, fixed cable with
M12 plug
Function
The LGS automation light grid series detects objects ranging in size from small to large. The very slender light grids have a modular design and
come in different beam spacings and field heights. All signal evaluation takes place inside the unit. The lightweight systems can be integrated in
their surroundings in a well-designed configuration, which means that machines and plants in temperature ranges between -30 °C ... +60 °C can
be designed more compactly.
Application
l
Detection of objects over large areas
l
Detecting and counting irregular objects
l
Measuring and sorting objects of different heights (height checking)
l
Presence and overhang control in material handling systems
l
Web sag monitoring
l
Position or shape monitoring (object identification)
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - LGS17

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LGS100 PF-LGS100 Datasheet
917Kb / 9P
Light grid
More results

Similar Description - LGS17

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NE ICHAUS-IC-NE Datasheet
230Kb / 9P
LIGHT-GRID PULSE RECEIVER
logo
SICK AG
WLG12-P537 SICK-WLG12-P537 Datasheet
966Kb / 6P
Retro-reflective light grid
2016-03-09
logo
Pepperl+Fuchs Inc.
LGM8 PF-LGM8 Datasheet
927Kb / 10P
Light grid
LGM17 PF-LGM17 Datasheet
962Kb / 11P
Light grid
LGM25 PF-LGM25 Datasheet
962Kb / 11P
Light grid
LGM50 PF-LGM50 Datasheet
939Kb / 10P
Light grid
LGS8 PF-LGS8 Datasheet
918Kb / 9P
Light grid
LGS25 PF-LGS25 Datasheet
941Kb / 10P
Light grid
LGS50 PF-LGS50 Datasheet
917Kb / 9P
Light grid
LGS100 PF-LGS100 Datasheet
917Kb / 9P
Light grid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com