Electronic Components Datasheet Search
  English  ▼

X  

LGS100 Datasheet(PDF) 9 Page - Pepperl+Fuchs Inc.

Part # LGS100
Description  Light grid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LGS100 Datasheet(HTML) 9 Page - Pepperl+Fuchs Inc.

  LGS100 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LGS100 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LGS100 Datasheet HTML 3Page - Pepperl+Fuchs Inc. LGS100 Datasheet HTML 4Page - Pepperl+Fuchs Inc. LGS100 Datasheet HTML 5Page - Pepperl+Fuchs Inc. LGS100 Datasheet HTML 6Page - Pepperl+Fuchs Inc. LGS100 Datasheet HTML 7Page - Pepperl+Fuchs Inc. LGS100 Datasheet HTML 8Page - Pepperl+Fuchs Inc. LGS100 Datasheet HTML 9Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LGS100
9
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Light grid
L G S xxx
-
y
y
y
y
- IO /
z
z
z
Options
/35
extended detection range 8 m
/110
Push-pull output, switch output 0.1 A, short-
circuit protected, reverse polarity protection
/115b with 0.2 m fixed cable and M12 connector
/146
extended temperature range -30 °C
IO-Link interface
Detection field [mm]
(see technical data)
Resolution [mm]
(see technical data)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com