Electronic Components Datasheet Search
  English  ▼

X  

T34 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T34
Description  Wet Tantalum High Performance HI-TMP® Capacitors for -55 °C to 200 °C Operation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T34 Datasheet(HTML) 2 Page - Vishay Siliconix

  T34 Datasheet HTML 1Page - Vishay Siliconix T34 Datasheet HTML 2Page - Vishay Siliconix T34 Datasheet HTML 3Page - Vishay Siliconix T34 Datasheet HTML 4Page - Vishay Siliconix T34 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T34
www.vishay.com
Vishay
Revision: 17-Jun-2021
2
Document Number: 40228
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) For insulated parts, add 0.015 inches [0.38 mm] to the diameter. The insulation shall lap over the ends of the capacitor body
DIMENSIONS in inches [millimeters]
CASE CODE
DL1 (1)
L2 (Max.)
E
WEIGHT (g)
(Max.)
TYPE T34
CLR 79 / 81 EQUIV.
AT1
0.188 ± 0.016
[4.78 ± 0.41]
0.453 + 0.031 / - 0.016
[11.51 + 0.79 / - 0.41]
0.734
[18.64]
1.500 ± 0.250
[38.10 ± 6.35]
2.6
BT2
0.281 ± 0.016
[7.14 ± 0.41]
0.641 + 0.031 / - 0.016
[16.28 + 0.79 / - 0.41]
0.922
[23.42]
2.250 ± 0.250
[57.15 ± 6.35]
6.2
CT3
0.375 ± 0.016
[9.53 ± 0.41]
0.766 + 0.031 / - 0.016
[19.46 + 0.79 / - 0.41]
1.047
[26.59]
2.250 ± 0.250
[57.15 ± 6.35]
11.6
DT4
0.375 ± 0.016
[9.53 ± 0.41]
1.062 + 0.031 / - 0.016
[26.97 + 0.79 / - 0.41]
1.343
[34.11]
2.250 ± 0.250
[57.15 ± 6.35]
17.7
STANDARD RATINGS
CAPACITANCE
AT 25 °C
120 Hz
(μF)
VDC
AT 200 °C
CASE
CODE
PART NUMBER
MAX. ESR
120 Hz
(Ω)
MAX. DCL
(μA)
LIFE TEST
PERFORMANCE
(h AT +200 °C)
25 °C
85 °C / 125 °C
50 VDC AT +85 °C
68
30
A
T34A686(1)050(2)(3)(4)S
2.5
2
10
1000
220
30
B
T34B227(1)050(2)(3)(4)S
0.9
4
20
1000
470
25
C
T34C477(1)050(2)(3)(4)(S
0.75
3
25
2000
680
25
D
T34D687(1)050(2)(3)(4)S
0.7
5
7
1000
1500
25
D
T34D158(1)050(2)(3)(4)S
0.5
15
110
500
60 VDC AT +85 °C
47
36
A
T34A476(1)060(2)(3)(4)S
2.0
2
10
1000
150
36
B
T34B157(1)060(2)(3)(4)S
1.5
2
10
1000
390
30
C
T34C397(1)060(2)(3)(4)S
0.9
3
25
1000
560
36
D
T34D567(1)060(2)(3)(4)S
0.8
5
7
1000
75 VDC AT +85 °C
33
45
A
T34A336(1)075(2)(3)(4)S
2.5
2
10
2000
68
45
A
T34A686(1)075(2)(3)(4)S
3.0
2
10
500
110
45
B
T34B117(1)075(2)(3)(4)S
1.3
2
10
1000
220
37
B
T34B227(1)075(2)(3)(4)S
1.8
5
50
1000
330
45
C
T34C337(1)075(2)(3)(4)S
1.0
3
25
1500
470
45
D
T34D477(1)075(2)(3)(4)S
0.9
5
50
1000
1000
45
D
T34D108(1)075(2)(3)(4)S
0.7
20
90
1000
100 VDC AT +85 °C
15
60
A
T34A156(1)100(2)(3)(4)S
3.5
1
5
1000
33
60
A
T34A336(1)100(2)(3)(4)S
3.0
2
10
2000
68
60
B
T34B686(1)100(2)(3)(4)S
2.1
2
10
1000
150
50
B
T34B157(1)100(2)(3)(4)S
1.3
7.5
25
1000
220
60
D
T34D227(1)100(2)(3)(4)S
1.2
5
50
1000
400
60
D
T34D407(1)100(2)(3)(4)S
0.8
10
150
1500
470
60
D
T34D477(1)100(2)(3)(4)S
0.7
15
150
1000
560
60
D
T34D567(1)100(2)(3)(4)S
1.0
25
200
1000
750
50
D (1)
T34D757(1)100(2)(3)(4)S
0.7
25
150
500
Notes
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: A = 100 % tin, bulk; B = std., tin / lead, bulk
(3) Reliability level: Z = non-ER
(4) Style number: 6 = high temperature film insulation, 8 = no film insulation
(1) Requires export license for shipments outside the US. Contact marketing for availability
L2
Weld
Tantalum
0.0253 ± 0.002 [0.64 ± 0.05] dia.
(No. 22 AWG tinned nickel leads
solderable and weldable)
D
EL1
E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com