Electronic Components Datasheet Search
  English  ▼

X  

T16 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T16
Description  Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T16 Datasheet(HTML) 2 Page - Vishay Siliconix

  T16 Datasheet HTML 1Page - Vishay Siliconix T16 Datasheet HTML 2Page - Vishay Siliconix T16 Datasheet HTML 3Page - Vishay Siliconix T16 Datasheet HTML 4Page - Vishay Siliconix T16 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T16
www.vishay.com
Vishay
Revision: 06-Jul-2020
2
Document Number: 40139
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination / packaging: C = 100 % tin, bulk; E = standard, tin / lead, bulk
(3) Reliability level: Z = standard (non-ER / 500 g / 50 g / 53.79 g); H = high (non-ER / 500 g / 80 g / 53.79 g)
(4) Insulating sleeve: S = sleeved; U = unsleeved
(5) ESR: S = standard
STANDARD RATINGS
CAPACITANCE
AT +25 °C
120 Hz
(μF)
CASE
CODE
PART NUMBER
MAX. ESR
AT +25 °C
120 Hz
(
Ω)
MAX. IMP.
AT -55 °C
120 Hz
(
Ω)
MAX. DCL
(μA) AT
MAX. CAPACITANCE
CHANGE (%)
AC
RIPPLE
+85 °C
40 kHz
(mARMS)
+25 °C
+85 °C
AND
+125 °C
-55 °C
+85 °C
+125 °C
25 VDC AT 85 °C, 15 VDC AT 125 °C
120
A
T16A127(1)025(2)(3)(4)(5)
1.30
25
1
5
-42
8
12
1250
560
B
T16B567(1)025(2)(3)(4)(5)
0.83
12
2
10
-65
14
18
2000
1100
E
T16E118(1)025(2)(3)(4)(5)
0.50
7
3
25
-60
20
45
3200
1200
C
T16C128(1)025(2)(3)(4)(5)
0.65
7
5
20
-70
15
20
2400
1800
D
T16D188(1)025(2)(3)(4)(5)
0.50
7
6
25
-72
15
20
3000
30 VDC AT 85 °C, 20 VDC AT 125 °C
100
A
T16A107(1)030(2)(3)(4)(5)
1.30
25
1
5
-38
8
12
1200
470
B
T16B477(1)030(2)(3)(4)(5)
0.85
15
2
10
-65
14
18
1800
950
E
T16E957(1)030(2)(3)(4)(5)
0.50
7
5
30
-55
18
35
3200
1000
C
T16C108(1)030(2)(3)(4)(5)
0.70
7
7
25
-70
15
25
2200
1500
D
T16D158(1)030(2)(3)(4)(5)
0.60
6
12
35
-72
15
25
2900
50 VDC AT 85 °C, 30 VDC AT 125 °C
68
A
T16A686(1)050(2)(3)(4)(5)
1.50
35
1
5
-25
8
15
1050
220
B
T16B227(1)050(2)(3)(4)(5)
0.90
17.5
2
10
-50
8
15
1800
450
E
T16E457(1)050(2)(3)(4)(5)
0.60
9
3
25
-45
12
30
2900
470
C
T16C477(1)050(2)(3)(4)(5)
0.75
10
3
25
-45
8
15
2100
680
D
T16D687(1)050(2)(3)(4)(5)
0.70
8
5
40
-58
10
20
2700
60 VDC AT 85 °C, 40 VDC AT 125 °C
47
A
T16A476(1)060(2)(3)(4)(5)
2.00
44
1
5
-25
8
12
1050
150
B
T16B157(1)060(2)(3)(4)(5)
1.10
20
2
10
-40
8
15
1800
370
E
T16E377(1)060(2)(3)(4)(5)
0.60
9
3
25
-33
9
20
2900
390
C
T16C397(1)060(2)(3)(4)(5)
0.90
15
3
25
-45
8
15
2100
560
D
T16D567(1)060(2)(3)(4)(5)
0.80
10
5
40
-58
8
15
2700
75 VDC AT 85 °C, 50 VDC AT 125 °C
33
A
T16A336(1)075(2)(3)(4)(5)
2.50
66
1
5
-25
5
9
1050
110
B
T16B117(1)075(2)(3)(4)(5)
1.30
24
2
10
-35
6
10
1650
220
E
T16E227(1)075(2)(3)(4)(5)
0.80
12
5
30
-30
6
15
2500
250
E
T16E257(1)075(2)(3)(4)(5)
0.80
12
5
30
-30
6
15
2500
330
C
T16C337(1)075(2)(3)(4)(5)
1.00
12
3
30
-45
6
10
2100
470
D
T16D477(1)075(2)(3)(4)(5)
0.90
12
5
50
-50
6
10
2700
100 VDC AT 85 °C, 65 VDC AT 125 °C
15
A
T16A156(1)100(2)(3)(4)(5)
3.50
125
1
5
-18
3
10
1050
68
B
T16B686(1)100(2)(3)(4)(5)
2.10
37
2
10
-30
4
12
1650
120
E
T16E127(1)100(2)(3)(4)(5)
1.00
20.5
3
25
-30
4
12
2200
150
C
T16C157(1)100(2)(3)(4)(5)
1.60
22
3
25
-35
6
12
2100
220
D
T16D227(1)100(2)(3)(4)(5)
1.20
15
5
50
-40
6
12
2700
125 VDC AT 85 °C, 85 VDC AT 125 °C
10
A
T16A106(1)125(2)(3)(4)(5)
5.50
175
1
5
-15
3
10
1050
47
B
T16B476(1)125(2)(3)(4)(5)
2.30
47
2
10
-25
5
12
1650
82
C
T16C826(1)125(2)(3)(4)(5)
1.80
40
3
25
-35
5
12
1950
90
E
T16E906(1)125(2)(3)(4)(5)
1.30
25
5
25
-25
4
15
2000
100
C
T16C107(1)125(2)(3)(4)(5)
1.80
35
3
25
-35
5
12
2100
150
D
T16D157(1)125(2)(3)(4)(5)
1.60
20
5
50
-35
6
12
2700



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com