Electronic Components Datasheet Search
  English  ▼

X  

MRP5 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MRP5
Description  Final Control Elements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MRP5 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MRP5 Datasheet HTML 1Page - M-System Co.,Ltd. MRP5 Datasheet HTML 2Page - M-System Co.,Ltd. MRP5 Datasheet HTML 3Page - M-System Co.,Ltd. MRP5 Datasheet HTML 4Page - M-System Co.,Ltd. MRP5 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: MRP5
MRP5 SPECIFICATIONS
ES-4852 Rev.13 Page 2/5
http://www.m-system.co.jp/
Housing material: Diecast aluminum
Drive: Stepping motor
Insulation class: E
Position detection: Potentiometer
Deadband: 0.1 – 4.5 % adjustable (factory set to 1.5 %)
Restarting timer: 0 – 10 sec. adjustable
(factory set to 1.5 sec.)
Isolation: AC power to signal
Zero adjustment: 0 – 25 %
Span adjustment: 50 - 100 %
Protective functions: Overload protection
Power indicator: Green LED turns on with power supplied.
Input indicator: Green LED turns on with normal input
Status indicator LED: Red light blinks in 2 sec. intervals in
normal operations; blinks in 0.5 sec. intervals when a
foreign object is detected mechanically caught inside.
Manual operating handle: Not available
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated (250 Ω)
■ DC Voltage: 1 – 5 V DC or specific range within 0 – 5 V
DC, minimum span 1 V
(For a current input, convert the current to a voltage with
250 Ω)
Input resistance: Approx. 1 MΩ
■ Forced open/close signal:
Dry contact inputs to command clockwise and
counterclockwise turns
Rating: 5 V DC @ 2.5 mA
OUTPUT SPECIFICATIONS
■ Operation Time & Torque (at rated power voltage)
MRP5-14: 13 sec. / 90°; 10 N·m (7.38 ft·lbf)
■ DC Voltage: 1 – 5 V DC (not isolated)
With “direct” action, 5 – 1 V DC position output is provided
proportionally to 4 – 20 mA DC (1 – 5 V DC) input.
Load resistance: ≥ 5 kΩ
■ Full-open / -closed signals: Limit switch contact
Rating: 125 V AC @ 0.75 A (cos ø = 1)
30 V DC @ 0.6 A (resistive load)
Mechanical life: 3 × 107 cycles
Maximum operation frequency: 60 cycles/min.
INSTALLATION
Power consumption
•AC: Approx. 25 VA
•DC: Approx. 0.6 A
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Vibration: 0.5 G (4.9 m/s2) max.
Mounting position: All directions
Do not mount the actuator with its output stem or cable
connector on the upside if the actuator is to be exposed to
dripping water.
Weight
DC powered: 1.5 kg (3.31 lb)
AC powered: 1.7 kg (3.75 lb)
Add 0.7 kg (1.54 lb) for the terminal box.
PERFORMANCE
Resolution: 1/1000 or 0.09°, whichever is greater, with 0.1
% deadband setting
Insulation resistance
•AC powered: ≥ 100 MΩ with 500 V DC
(signal or metallic housing to power)
≥ 100 MΩ with 100 V DC
(signal to metallic housing)
•DC powered: ≥ 100 MΩ with 100 V DC
(signal or power to metallic housing)
Dielectric strength
•AC powered: 1500 V AC @ 1 minute
(signal or metallic housing to power)
100 V AC @ 1 minute
(signal to metallic housing)
•DC powered: 100 V AC @ 1 minute
(signal or power to metallic housing)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (Full-open/-closed signal)
Pollution Degree 2
Full-open/-closed signal to other, power or metallic
housing: Reinforced insulation (125 V)
RoHS Directive
EN 50581
TERMINOLOGY
• Overload (Lock) Protection
The Mini-Top Series is equipped with a protection circuit
against overload caused by for example the valve catching
an alien substance.
When an overload is detected, the Mini-Top stops supplying
power to the motor and the status LED blinks in 0.5 sec.
intervals.
The protection is reset automatically with applying opposite-
direction input signal or turning the power off and
restarting.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com