Electronic Components Datasheet Search
  English  ▼

X  

MSP5C Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MSP5C
Description  Final Control Elements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP5C Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MSP5C Datasheet HTML 1Page - M-System Co.,Ltd. MSP5C Datasheet HTML 2Page - M-System Co.,Ltd. MSP5C Datasheet HTML 3Page - M-System Co.,Ltd. MSP5C Datasheet HTML 4Page - M-System Co.,Ltd. MSP5C Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: MSP5C
MSP5C SPECIFICATIONS
ES-4863 Rev.2 Page 3/5
http://www.m-system.co.jp/
COMMUNICATIONS
■ MASTER to SLAVE
DATA
L
I
A
T
E
D
N
O
I
T
C
N
U
F
S
S
E
R
D
D
A
E
P
Y
T
RY0
Forced Closed Position Input *1
0 : Disable
1 : Position = 0%
RY1
Forced Open Position Input *1
0 : Disable
1 : Position = 100%
RY2
RY3
RY4
RY5
RY6
Bit
RY7
RY8
Enable Target Position Input
0 : Disable
1 : Enable
RY9
RYA
Reset Motor Deadlock Alarm
Motor deadlock alarm is cancelled when ‘1’ is set.
RYB
Clear Motor Starting Counter
Motor starting counter is reset to 0 when ‘1’ is set.
RYC
Clear Motor Reversing Counter
Motor reversing counter is reset to 0 when ‘1’ is set.
RYD
Clear Accumulated Running Distance Accumulated running distance is reset to 0 when ‘1’ is set.
RYE
RYF
RWw0
Target Position Input
Signed, 0.01% increments (e.g. 100 = 1.00%)
Valid only when Enable Target Position Input is enabled.
Word
RWw1
RWw2
RWw3
*1. Valid regardless of the RY8 (Enable Target Position Input) status. Stopped when ‘1’ is set both at RY0 and RY1.
■ SLAVE to MASTER
DATA
L
I
A
T
E
D
N
O
I
T
C
N
U
F
S
S
E
R
D
D
A
E
P
Y
T
RX0
RX1
RX2
RX3
RX4
RX5
RX6
Bit
RX7
RX8
Motor Deadlock Alarm
0 : Normal
1 : Overload or other deadlock alarm
RX9
Target Position Input Error
0 : Normal
1 : Out of range from -0.5 to +100.5%
r
o
r
r
e
m
e
t
s
y
s
r
e
h
t
o
r
o
y
r
o
m
e
M
:
1
l
a
m
r
o
N
:
0
r
o
r
r
E
m
e
t
s
y
S
A
X
R
l
a
u
n
a
M
:
1
)
k
n
i
L
-
C
C
(
e
t
o
m
e
R
:
0
s
u
t
a
t
S
l
o
r
t
n
o
C
B
X
R
RXC
RXD
RXE
RXF
RWr0
Position Output
Signed, 0.01% increments (e.g. 100 = 1.00%)
Word
RWr1
Motor Starting Counter *2
1 count per every 100 starting actions
RWr2
Motor Reversing Counter *2
1 count per every 100 reversing actions
RWr3
Accumulated Running Distance (%) *2 1 count per running 100% distance every time
*2. When the count reaches 65535, the value is held until it is reset.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com