Electronic Components Datasheet Search
  English  ▼

X  

WM8774IFV Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8774IFV
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774IFV Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8774IFV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Product Preview
WM8774
PP Rev 1.0 June 2002
27
ADC INPUT GAIN
Registers LAG and RAG control the left and right channel gain into the stereo ADC in 1dB steps from
+19dB to –12dB Table 8 shows how the attenuation levels are selected from the 5-bit words.
L/RAG[6:0]
ATTENUATION LEVEL
0
-12dB
:
:
01100
0dB
:
:
11111
+19dB
Table 12 ADC Gain Control
ADC HIGHPASS FILTER DISABLE
The ADC digital filters contain a digital highpass filter. This defaults to enabled and can be disabled
using software control bit ADCHPD.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10110
ADC control
8
ADCHPD
0
ADC Highpass filter disable:
0: Highpass filter enabled
1: Highpass filter disabled
ADC INPUT MUX AND POWERDOWN CONTROL
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
LMX[2:0]
000
ADC left channel input mux control
bits (see Table 13)
6:4
RMX[2:0]
000
ADC right channel input mux
control bits (see Table 13)
11011
ADC mux and
powerdown
control
8
AINPD
1
Input mux and buffer powerdown
0: Input mux and buffer
enabled
1: Input mux and buffer
powered down
Register bits LMX and RMX control the left and right channel inputs into the stereo ADC. The default
is AIN1. However if the analogue input buffer is powered down, by setting AINPD, then all 8-channel
mux inputs are switched to buffered VMIDADC.
LMX[2:0]
LEFT ADC INPUT
RMX[2:0]
RIGHT ADC INPUT
000
AIN1L
000
AIN1R
001
AIN2L
001
AIN2R
010
AIN3L
010
AIN3R
011
AIN4L
011
AIN4R
100
AIN5L
100
AIN5R
101
AIN6L
101
AIN6R
110
AIN7L
110
AIN7R
111
AIN8L
111
AIN8R
Table 13 ADC Input Mux Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com