Electronic Components Datasheet Search
  English  ▼

X  

ALD523DPH Datasheet(PDF) 8 Page - Advanced Linear Devices

Part # ALD523DPH
Description  MULTIFUNCTION 7 - DIGIT SERIAL INPUT DISPLAY MODULE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD523DPH Datasheet(HTML) 8 Page - Advanced Linear Devices

Back Button ALD523DPH Datasheet HTML 4Page - Advanced Linear Devices ALD523DPH Datasheet HTML 5Page - Advanced Linear Devices ALD523DPH Datasheet HTML 6Page - Advanced Linear Devices ALD523DPH Datasheet HTML 7Page - Advanced Linear Devices ALD523DPH Datasheet HTML 8Page - Advanced Linear Devices ALD523DPH Datasheet HTML 9Page - Advanced Linear Devices ALD523DPH Datasheet HTML 10Page - Advanced Linear Devices ALD523DPH Datasheet HTML 11Page - Advanced Linear Devices ALD523DPH Datasheet HTML 12Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
©
©
©
© 2001 Advanced Linear Devices, Inc., 415 Tasman Drive, Sunnyvale, California 94089-1706, Tel: (408) 747-1155, Fax: (408) 747-1286
ALD523D
12/01
http://www.aldinc.com
8 of 20
SELECTING AND CONFIGURING DISPLAY
SETTINGS
The ALD523D uses SEL0 and SEL1 control-input pins for
selecting different display sets “DGS0”, “DGS1”,
“DGS2”, and “DGS3”. Each display set “DGSx” has an
associated mode of operation “Mx”, unit display “UNTx”,
decimal point placement “LxDEC”, and multiplier scale
factors “
±CALx”, where x=0, 1, 2 or 3.
The SEL0 and SEL1 switches have 4 logical states of
operations as described in Table 3. Each logical state
combination selects different measurement labels/units,
scale factors, decimal point location, and mode selections.
In all modes of operation, the SEL0 and SEL1 software
switch setting selections override the hardware jumper
functions of the DEC1 and DEC2 or M and Z switches
when either SEL0 or SEL1 are set to logical “1”.
When SEL0=0 and SEL1=0, the ALD523D selects
display set “DGS0”, which consists of a combination of
“M1”, “UNT1”, “+CAL1” and “
−CAL1” parameters from
addresses 00H, 18H to 1FH, 30H to 37H, and 38H to 3FH
of the EEPROM memory, respectively. In the calibrated
reference mode (mode-A) and the display only mode
(mode-C), DEC1 and DEC2 hardware jumper switches are
used to place decimal point. In mode-B operation, no
decimal point is displayed.
When SEL0=1 and SEL1=0, the ALD523D selects
display set “DGS1”, which consists of a combination of
“M1”, “L1DEC”, “UNT1”, “+CAL1” and “
−CAL1”
parameters from addresses 00H, 05H, 18H to 1FH, 30H to
37H, and 38H to 3FH of the EEPROM memory,
respectively. The decimal point is placed according to the
content of the “L1DEC” parameter.
When SEL0=0 and SEL1=1, the ALD523D selects
display set “DGS2”, which consists of a combination of
“M2”, “L2DEC”, “UNT2”, “+CAL2” and “
−CAL2”
parameters from addresses 01H, 06H, 20H to 27H, 40H to
47H, and 48H to 4FH of the EEPROM memory,
respectively. The decimal point is placed according to the
content of the “L2DEC” parameter.
When SEL0=1 and SEL1=1, the ALD523D selects
display set “DGS3”, which consists of a combination of
“M3”, “L3DEC”, “UNT3”, “+CAL3” and “
−CAL3”
parameters from addresses 01H, 07H, 28H to 2FH, 50H to
57H, and 58H to 5FH of the EEPROM memory,
respectively. The decimal point is placed according to the
content of the “L3DEC” parameter.
Each of the “M1”, “M2”, and “M3” parameters is a 4-bit
hexadecimal number located on the first line of the .CDS
file (see Table 1 of the ALD523D Setup and Calibration
Software User Guide for the data sheet layout). Each of
these “M1”, “M2”, and “M3” parameters can have content
data of “A”, “B”, “C” or “D” which corresponds to mode-
A, mode-B, mode-C default mode, or mode-C clock and
sign bit inverted polarity mode, respectively.
Each of the “L1DEC”, “L2DEC”, and “L3DEC”
parameters is an 8-bit hexadecimal number at addresses
05H, 06H, and 07H of the first line location of the .CDS
file, respectively.
Table 3. Display setting switch configurations and operations
.
GROUP
J1
FUNCTION
DISPLAY SETTING
PIN
19
20
DISPLAY SET
OPERATION
SWITCHES
SEL0
SEL1
UNIT
MULTIPLIER
DECIMAL
MODE SELECTION
0
0
DGS0
UNT1
±CAL1
J2/NoDec
M1
1
0
DGS1
UNT1
±CAL1
L1DEC
M1
0
1
DGS2
UNT2
±CAL2
L2DEC
M2
1
1
DGS3
UNT3
±CAL3
L3DEC
M3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com