Electronic Components Datasheet Search
  English  ▼

X  

MCP3561 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP3561
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3561 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP3561 Datasheet HTML 28Page - Microchip Technology MCP3561 Datasheet HTML 29Page - Microchip Technology MCP3561 Datasheet HTML 30Page - Microchip Technology MCP3561 Datasheet HTML 31Page - Microchip Technology MCP3561 Datasheet HTML 32Page - Microchip Technology MCP3561 Datasheet HTML 33Page - Microchip Technology MCP3561 Datasheet HTML 34Page - Microchip Technology MCP3561 Datasheet HTML 35Page - Microchip Technology MCP3561 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
MCP3561/2/4
DS20006181C-page 32
 2019-2021 Microchip Technology Inc.
The possible selections are described in Table 5-1 and
can be set with the MUX[7:0] register bits during the
MUX mode. The MUX[7:4] bits define the selection for
the VIN+ (noninverting analog input of the ADC). The
MUX[3:0] bits define the selection for the VIN- (inverting
analog input of the ADC).
During SCAN mode, the two single-ended input multi-
plexers are automatically set to a certain position,
depending on the SCAN sequence and which channel
has been selected by the user. The SCAN sequence
channels’ configuration corresponds to a certain code
in the MUX[7:0] register bits, as defined in Table 5-14.
In order to monitor the digital power supply (DVDD), it is
necessary to connect DVDD externally to one of the
CHn analog inputs, since DVDD is not one of the pos-
sible selections of the analog multiplexer. A similar
setup can be implemented to monitor DGND if DGND is
not connected externally to AGND.
For MCP3561 and MCP3562, some codes are not
available in the selection since the pins are not bonded
out on these devices. These codes should then be
avoided in the application, as the input they connect to
is effectively a high-impedance node.
The TEMP Diodes P and M are two internal diodes that
are biased by a current source and that can be used to
perform a temperature measurement. If TEMP Diode P
is connected to VIN+ and TEMP Diode M to VIN-, then
the ADC output code is a function of the temperature
using Equation 5-1 (see Section 5.1.2 “Internal Tem-
perature Sensor” for more details). The VCM selection
measures the internal Common-mode voltage source
that biases the Delta-Sigma modulator (this voltage is
not provided at any output of the part).
The possible inputs of the analog multiplexer include,
not only the analog input channels, but also REFIN+/-
inputs, AVDD and AGND, as well as temperature sensor
outputs and the VCM internal Common-mode. This
large selection offers many possibilities for measuring
internal or external data resources of the system and
can serve as diagnostic purposes to increase the
security of the applications. Some monitor channels
are already predefined in SCAN mode to further help
users to integrate diagnostics to their applications (for
example, the analog power supply or the temperature
can be constantly monitored in SCAN mode, see
Section 5.14.3 “SCAN Mode Internal Resource
Channels” for more details of the different resources
that can be monitored in SCAN mode).
TABLE 5-1:
ANALOG INPUT MUX DECODING
MUX[7:4] (VIN+) or
MUX[3:0] (VIN-) Code
Selected
Channel
Comment
0000
CH0
0001
CH1
0010
CH2
Not Connected (NC) for MCP3561
0011
CH3
Not Connected (NC) for MCP3561
0100
CH4
Not Connected (NC) for MCP3561/2
0101
CH5
Not Connected (NC) for MCP3561/2
0110
CH6
Not Connected (NC) for MCP3561/2
0111
CH7
Not Connected (NC) for MCP3561/2
1000
AGND
1001
AVDD
1010
Reserved
Do not use
1011
REFIN+
1100
REFIN-
1101
TEMP Diode P
1110
TEMP Diode M
1111
Internal VCM
Internal Common-mode voltage for modulator biasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com