Electronic Components Datasheet Search
  English  ▼

X  

MCP3462 Datasheet(PDF) 50 Page - Microchip Technology

Part # MCP3462
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462 Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCP3462 Datasheet HTML 46Page - Microchip Technology MCP3462 Datasheet HTML 47Page - Microchip Technology MCP3462 Datasheet HTML 48Page - Microchip Technology MCP3462 Datasheet HTML 49Page - Microchip Technology MCP3462 Datasheet HTML 50Page - Microchip Technology MCP3462 Datasheet HTML 51Page - Microchip Technology MCP3462 Datasheet HTML 52Page - Microchip Technology MCP3462 Datasheet HTML 53Page - Microchip Technology MCP3462 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 108 page
background image
MCP3461/2/4
DS20006180D-page 50
 2019-2021 Microchip Technology Inc.
FIGURE 5-11:
ADC Output and IRQ Behavior with Digital Offset Calibration Enabled.
5.12.2
DIGITAL GAIN ERROR
CALIBRATION
The Gain Error Calibration register (GAINCAL,
address: 0xA) is an unsigned 24-bit register that holds
the digital gain error calibration value, GAINCAL. The
GAINCAL multiplier is calculated with Equation 5-8.
EQUATION 5-8:
GAINCAL CALIBRATION
VALUE (MULTIPLIER
VALUE)
For the MCP3461/2/4 devices, the gain error calibration
is done by multiplying the GAINCAL value to the ADC
output code. The last byte of the GAINCAL register
(GAINCAL[7:0]) is ignored and internally reset to 0x00
during the calibration, therefore, the multiplication just
takes into account the GAINCAL[23:8] bits. The gain
error calibration value range in equivalent voltage is
[0; 2-2-15], which permits the cancellation of any possible
gain error in the ADC, but also in the system. The gain
error calibration is realized with a simple add-and-shift
circuit clocked on DMCLK and induces a pipeline delay
of TGCAL = 15 DMCLK periods. This pipeline delay acts
as a delay on the data ready interrupt position that is
shifted by TGCAL = 15 DMCLK periods. During this delay,
the converter can process the next conversion, the delay
does not shift the next conversion and does not change
the Conversion Time, TCONV. Enabling the gain error
calibration will affect the next conversion result; the
conversion result already held in the ADCDATA Output
register (0x0) is not modified when the EN_GAINCAL is
set to ‘1’, but the next one will take into account the offset
calibration. Changing the GAINCAL register to a new
value will not affect the current ADCDATA value, but the
next one (after a data ready interrupt) will take into
account the new GAINCAL value. Figure 5-12 details
the different cases and their associated effects to the
ADCDATA register and the IRQ output.
FIGURE 5-12:
ADC Output and IRQ Behavior with Digital Gain Error Calibration Enabled.
ADC DATA
REGISTER
VALUE
SPI
Wri te
EN _OFFC AL = 1
IRQ
ADC
STATUS
Data 2 Conversion
Data 1 Conversion
Data 3 Conversion
DATA1
DATA0
DATA2 + OFFSETCAL1
Wri te
OFFSE TCA L[2 3 : ] = OFFSE TCA L1
Wri te
OFFSE TCA L[2 3 : ] = OFFSE TCA L2
Data 4 Conversion
DATA3 + OFFSETCAL2
GAINCAL (V/V) = (GAINCAL[23:8] unsigned decimal
code)/32768
SPI
Wri te
EN _GAINCAL = 1
IRQ
ADC
STATUS
Data 3 Conversion
DATA1
DATA0
DATA2 x GAINCAL1
Wri te
GAINCAL[2 3 : ] = GAINCAL1
Wri te
GAINCAL[2 3 : ] = GAINCAL2
Data 4 Conversion
DATA3 x GAINCAL2
TGCAL
TGCAL
ADCDATA
Data 2 Conversion
Data 1 Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com