Electronic Components Datasheet Search
  English  ▼

X  

4131 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 4131
Description  Pressure gauge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4131 Datasheet(HTML) 1 Page - Festo Corporation.

  4131 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pressure gauge
OH-22-RT
Part number: 4131
Data sheet
Feature
Value
Type code
OH
Mounting position
Any
Symbol
00991500
Operating pressure
1.4 bar ... 8 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-10 °C ... 45 °C
Ambient temperature
-10 °C ... 45 °C
Product weight
25 g
Type of mounting
Control panel installation in diameter 22.5
Pneumatic connection
G1/8
Note on materials
RoHS-compliant
7/19/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 4131

ManufacturerPart #DatasheetDescription
logo
MENTOR GmbH & Co.
4131.063 MENTOR-4131.063 Datasheet
301Kb / 1P
Plastic Turning Knob System with Collet Fixing
4131.064 MENTOR-4131.064 Datasheet
301Kb / 1P
Plastic Turning Knob System with Collet Fixing
4131.073 MENTOR-4131.073 Datasheet
301Kb / 1P
Plastic Turning Knob System with Collet Fixing
4131.074 MENTOR-4131.074 Datasheet
301Kb / 1P
Plastic Turning Knob System with Collet Fixing
4131.603 MENTOR-4131.603 Datasheet
301Kb / 1P
Plastic Turning Knob System with Collet Fixing
More results

Similar Description - 4131

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
Pressure gauge
8/10/22
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563732 FESTO-563732 Datasheet
114Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
Pressure gauge
8/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com