Electronic Components Datasheet Search
  English  ▼

X  

4646 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 4646
Description  Pneumatic muffler
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4646 Datasheet(HTML) 1 Page - Festo Corporation.

  4646 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pneumatic muffler
U-PK-3
Part number: 4646
Data sheet
Feature
Value
Type code
U
Mounting position
Any
Symbol
00991473
Operating pressure
0 bar ... 10 bar
Flow rate with respect to atmosphere
310 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible
Noise level
70 dB(A)
Ambient temperature
-10 °C ... 70 °C
Product weight
4.5 g
Pneumatic connection
PK-3
Cushioning insert material
Bronze
Material of screwed trunnion
Brass
Note on materials
Free of copper and PTFE
RoHS-compliant
7/19/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 4646

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4646 3M-4646 Datasheet
641Kb / 10P
VHB™ Tapes
Jun-2011
logo
List of Unclassifed Man...
4646 ETC-4646 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
logo
3M Electronics
4646 3M-4646 Datasheet
533Kb / 9P
VHB™ Tape Specialty Tapes
Oct-2014
logo
Bourns Electronic Solut...
4646-RC BOURNS-4646-RC Datasheet
108Kb / 1P
Varnished Chokes
4646-RC BOURNS-4646-RC Datasheet
108Kb / 1P
High Q, high self-resonant frequency
More results

Similar Description - 4646

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
12638 FESTO-12638 Datasheet
89Kb / 1P
Pneumatic muffler
12639 FESTO-12639 Datasheet
85Kb / 1P
Pneumatic muffler
12741 FESTO-12741 Datasheet
79Kb / 1P
Pneumatic muffler
534225 FESTO-534225 Datasheet
94Kb / 1P
Pneumatic muffler
538432 FESTO-538432 Datasheet
81Kb / 1P
Pneumatic muffler
571280 FESTO-571280 Datasheet
97Kb / 1P
Pneumatic muffler
2307 FESTO-2307 Datasheet
101Kb / 1P
Pneumatic muffler
2316 FESTO-2316 Datasheet
97Kb / 1P
Pneumatic muffler
3670 FESTO-3670 Datasheet
89Kb / 1P
Pneumatic muffler
6842 FESTO-6842 Datasheet
84Kb / 1P
Pneumatic muffler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com