Electronic Components Datasheet Search
  English  ▼

X  

4932 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 4932
Description  Pneumatic muffler
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4932 Datasheet(HTML) 1 Page - Festo Corporation.

  4932 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pneumatic muffler
U-PK-4
Part number: 4932
Data sheet
Feature
Value
Type code
U
Mounting position
Any
Symbol
00991473
Operating pressure
0 bar ... 10 bar
Flow rate with respect to atmosphere
580 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible
Noise level
77 dB(A)
Ambient temperature
-10 °C ... 70 °C
Product weight
4.1 g
Pneumatic connection
PK-4
Cushioning insert material
Bronze
Material of screwed trunnion
Brass
Note on materials
Free of copper and PTFE
RoHS-compliant
7/19/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 4932

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4932 ETC2-4932 Datasheet
1Mb / 16P
Drywall Punch
logo
3M Electronics
4932 3M-4932 Datasheet
533Kb / 9P
VHB™ Tape Specialty Tapes
Oct-2014
logo
Tyco Electronics
493224-1 MACOM-493224-1 Datasheet
198Kb / 1P
HOUSING, 2POSN, MICRO TIMER TAB HOUSING,2 POSN
logo
Molex Electronics Ltd.
49326 MOLEX-49326 Datasheet
696Kb / 2P
0.30mm (.012?? Pitch FPC Connector 1.20mm (.047?? Height
49326-5017 MOLEX-49326-5017 Datasheet
696Kb / 2P
0.30mm (.012?? Pitch FPC Connector 1.20mm (.047?? Height
More results

Similar Description - 4932

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
12638 FESTO-12638 Datasheet
89Kb / 1P
Pneumatic muffler
12639 FESTO-12639 Datasheet
85Kb / 1P
Pneumatic muffler
12741 FESTO-12741 Datasheet
79Kb / 1P
Pneumatic muffler
534225 FESTO-534225 Datasheet
94Kb / 1P
Pneumatic muffler
571280 FESTO-571280 Datasheet
97Kb / 1P
Pneumatic muffler
2307 FESTO-2307 Datasheet
101Kb / 1P
Pneumatic muffler
2316 FESTO-2316 Datasheet
97Kb / 1P
Pneumatic muffler
3670 FESTO-3670 Datasheet
89Kb / 1P
Pneumatic muffler
4646 FESTO-4646 Datasheet
105Kb / 1P
Pneumatic muffler
6842 FESTO-6842 Datasheet
84Kb / 1P
Pneumatic muffler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com