Electronic Components Datasheet Search
  English  ▼

X  

MCP48FXBX8 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP48FXBX8
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FXBX8 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP48FXBX8 Datasheet HTML 16Page - Microchip Technology MCP48FXBX8 Datasheet HTML 17Page - Microchip Technology MCP48FXBX8 Datasheet HTML 18Page - Microchip Technology MCP48FXBX8 Datasheet HTML 19Page - Microchip Technology MCP48FXBX8 Datasheet HTML 20Page - Microchip Technology MCP48FXBX8 Datasheet HTML 21Page - Microchip Technology MCP48FXBX8 Datasheet HTML 22Page - Microchip Technology MCP48FXBX8 Datasheet HTML 23Page - Microchip Technology MCP48FXBX8 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 20
 2020 Microchip Technology Inc.
TABLE 1-4:
SPI REQUIREMENTS (MODE 1,1)
#
Characteristic
Symbol
Min. Max. Units
Conditions
SCK Input Frequency
FSCK
—10
MHz VDD = 2.7V to 5.5V
(READ command)
—20
MHz VDD = 2.7V to 5.5V
(all other commands)
70
CS Active (VIL) to Command’s 1st SCK  Input TCSA2SCH
60
—
ns
71
SCK Input High Time
TSCH
20
—
ns
VDD = 2.7V to 5.5V
400
—
ns
VDD = 1.8V to 2.7V
72
SCK Input Low Time
TSCL
20
—
ns
VDD = 2.7V to 5.5V
400
—
ns
VDD = 1.8V to 2.7V
73
Setup Time of SDI Input to SCK
 Edge
TDIV2SCH
10
—
ns
74
Hold Time of SDI Input from SCK
 Edge
TSCH2DIL
20
—
ns
77
CS Inactive (VIH) to SDO Output
High-Impedance
TCSH2DOZ
—50
ns
Note 1
80
SDO Data Output Valid after SCK
 Edge
TSCL2DOV
—45
ns
VDD = 2.7V to 5.5V
—
170
ns
VDD = 1.8V to 2.7V
83
CS Inactive (VIH) after SCK  Edge
TSCH2CSL
100
—
ns
VDD = 2.7V to 5.5V
1µs
VDD = 1.8V to 2.7V
84
CS High Time (VIH)
TCSH
50
—
ns
94
LAT
 to SCK ↑ (write data 24th bit) Setup
Time
TLATSU
20
—
ns
Write data transferred(3)
96
LAT High or Low Time
TLAT
20
—
ns
97
HVC
 to SCK  (1st data bit)
(HVC setup time)
THVCSU
0
—
ns
High-Voltage Commands(1)
98
SCK ↑ (last bit of command, 8th or 24th bit) to
HVC
 (HVC hold time)
THVCHD
25
—
ns
High-Voltage Commands(1)
Note 1:
This parameter is ensured by design.
3:
Within 1/2 LSb of the final value when the code changes from 1/4 to 3/4 of FSR. (Example: 400h to C00h in
12-bit device.) The transition of the LAT signal must occur 10 ns before the rising edge of the 24th SCK
signal (Spec 94) or the current register data value may not be transferred to the output latch (VOUT) before
the register is overwritten with the new value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com