Electronic Components Datasheet Search
  English  ▼

X  

GS1AM1 Datasheet(PDF) 2 Page - Schneider Electric

Part # GS1AM1
Description  Auxiliary contacts, TeSys GS, 1 C/O, early break, front mounting, for GS1 50-400 A with direct right handle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GS1AM1 Datasheet(HTML) 2 Page - Schneider Electric

  GS1AM1 Datasheet HTML 1Page - Schneider Electric GS1AM1 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
63 A
100 A
125 A
160 A
200 A
250 A
315 A
400 A
Fuse type
NFC
DIN
BS
Type of operating handle
Direct right side
Mounting location
Front face
Net Weight
0.05 lb(US) (0.023 kg)
Ordering and shipping details
Category
18402 - WORLD SERVICE PARTS(CONTROL ACCESS)
Discount Schedule
CP10
GTIN
03389110563214
Nbr. of units in pkg.
1
Package weight(Lbs)
0.85 oz (24 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.98 in (2.5 cm)
Package 1 width
3.74 in (9.5 cm)
Package 1 Length
4.33 in (11 cm)
Unit Type of Package 2
S02
Number of Units in Package 2
60
Package 2 Weight
4.18 lb(US) (1.895 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Styrene, which is known to the
State of California to cause cancer. For more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com