Electronic Components Datasheet Search
  English  ▼

X  

LF147 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF147
Description  WIDE BANDWIDTH QUAD JFER INPUT OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF147 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LF147 Datasheet HTML 1Page - National Semiconductor (TI) LF147 Datasheet HTML 2Page - National Semiconductor (TI) LF147 Datasheet HTML 3Page - National Semiconductor (TI) LF147 Datasheet HTML 4Page - National Semiconductor (TI) LF147 Datasheet HTML 5Page - National Semiconductor (TI) LF147 Datasheet HTML 6Page - National Semiconductor (TI) LF147 Datasheet HTML 7Page - National Semiconductor (TI) LF147 Datasheet HTML 8Page - National Semiconductor (TI) LF147 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MNLF147-X REV 0A2
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS:
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vs = +20V, Vcm = 0V, RS = 50 Ohms
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vio
Input Offset
Voltage
RS = 10K Ohms
5
mV
1
8
mV
2, 3
Iio
Input Offset
Current
RL = 10K Ohms
.1
nA
1
25
nA
2, 3
Iib
Input Bias
Current
RL =10K Ohms
-.2
.2
nA
1
-50
50
nA
2, 3
Vcm
Input Common Mode
Voltage Range
1
-16
16
V
1, 2,
3
CMRR
Common Mode
Rejection Ratio
Rs < 10K Ohms, Vcm = +16V
80
dB
1, 2,
3
PSRR
Power Supply
Rejection Ratio
Vs = +20V to Vs = +5V
80
dB
1, 2,
3
Is
Supply Current
11
mA
1, 2,
3
Ios
Output Short
Circuit
Vs = +15V, Vin = +1V, Output short to
GND
-13
-57
mA
1, 3
Vs = +15V, Vin = +1V, Output short to
GND
-6
-40
mA
2
Vs = +15V, Vin = -1V, Output short to
GND
13
57
mA
1, 3
Vs = +15V, Vin = -1V, Output short to
GND
640
mA
2
AVS
Large Signal
Voltage Gain
Vs = +15V, Vo = 0 to +10V,
RL=2K Ohms, RS=10K Ohms
2
50
V/mV
4
Vs = +15V, Vo = 0 to +10V,
RL=2K Ohms, RS=10K Ohms
2
25
V/mV
5, 6
Vs = +15V, Vo = 0 to -10V,
RL=2K Ohms, RS=10K Ohms
2
50
V/mV
4
Vs = +15V, Vo = 0 to -10V,
RL=2K Ohms, RS=10K Ohms
2
25
V/mV
5, 6
Vo
Output Voltage
Swing
Vs = +15V, RL = 10K Ohms, Vin = +1V
12
V
4, 5,
6
Vs = +15V, RL = 10K Ohms, Vin = -1V
-12
V
4, 5,
6
Vs = +15V, RL = 2K Ohms, Vin = +1V
10
V
4, 5,
6
Vs = +15V, RL = 2K Ohms, Vin = -1V
-10
V
4, 5,
6
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com