Electronic Components Datasheet Search
  English  ▼

X  

1118656 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1118656
Description  Upper part of housing - ICS50-C100X12-5015
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1118656 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1118656 Datasheet HTML 1Page - PHOENIX CONTACT 1118656 Datasheet HTML 2Page - PHOENIX CONTACT 1118656 Datasheet HTML 3Page - PHOENIX CONTACT 1118656 Datasheet HTML 4Page - PHOENIX CONTACT 1118656 Datasheet HTML 5Page - PHOENIX CONTACT 1118656 Datasheet HTML 6Page - PHOENIX CONTACT 1118656 Datasheet HTML 7Page - PHOENIX CONTACT 1118656 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/us/products/1076919
06/22/2021   Page 1 / 8
Upper part of housing - ICS50-C100X12-5015 - 1076919
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
DIN rail housing, Upper part, closed, width: 50 mm, height: 100 mm, depth: 14.35 mm, color: blue (5015)
Your advantages
 Flexible use, thanks to the modular system and unique modularity in the connection technology
 Standardized connections such as RJ45, USB, D-SUB and antenna sockets as components that can be integrated
 Optimal space utilization, as well as adaptability of design, colors, and printing
 Eight-position DIN rail connectors with parallel and up to two serial contacts for easy module-to-module communication
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
10 pc
GTIN
GTIN
4055626787299
Weight per Piece (excluding packing)
16.000 g
Custom tariff number
85389099
Country of origin
Germany
Technical data
Item properties
Brief article description
Upper part of housing
Type
ICS50-C100X12-5015
Order No.
1076919
Housing type
DIN rail housing


Similar Part No. - 1118656

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1118656 PHOENIX-1118656 Datasheet
329Kb / 8P
Mounting base housing - ICS50-B100X98-O-O-5015
More results

Similar Description - 1118656

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2203882 PHOENIX-2203882 Datasheet
58Kb / 3P
Upper part of housing - ICS25-C100X12-7035
1076876 PHOENIX-1076876 Datasheet
173Kb / 8P
Upper part of housing - ICS50-C122X12-9005
1076892 PHOENIX-1076892 Datasheet
184Kb / 8P
Upper part of housing - ICS50-C100X12-9005
1076903 PHOENIX-1076903 Datasheet
177Kb / 7P
Upper part of housing - ICS50-TL122X12-5015
1076904 PHOENIX-1076904 Datasheet
170Kb / 8P
Upper part of housing - ICS50-C122X12-5015
1076913 PHOENIX-1076913 Datasheet
183Kb / 7P
Upper part of housing - ICS50-TL100X12-5015
1076992 PHOENIX-1076992 Datasheet
151Kb / 8P
Upper part of housing - ICS50-C122X12-7035
1076994 PHOENIX-1076994 Datasheet
167Kb / 8P
Upper part of housing - ICS50-TL100X12-7035
1076995 PHOENIX-1076995 Datasheet
156Kb / 8P
Upper part of housing - ICS50-C100X12-7035
2203879 PHOENIX-2203879 Datasheet
150Kb / 7P
Upper part of housing - ICS20-C100X12-7035
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com