Electronic Components Datasheet Search
  English  ▼

X  

RLD65PZX2 Datasheet(PDF) 1 Page - Rohm

Part # RLD65PZX2
Description  650nm Red Single Mode Laser Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RLD65PZX2 Datasheet(HTML) 1 Page - Rohm

  RLD65PZX2 Datasheet HTML 1Page - Rohm RLD65PZX2 Datasheet HTML 2Page - Rohm RLD65PZX2 Datasheet HTML 3Page - Rohm RLD65PZX2 Datasheet HTML 4Page - Rohm RLD65PZX2 Datasheet HTML 5Page - Rohm RLD65PZX2 Datasheet HTML 6Page - Rohm RLD65PZX2 Datasheet HTML 7Page - Rohm RLD65PZX2 Datasheet HTML 8Page - Rohm RLD65PZX2 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/8
650nm Red Single Mode Laser Diode
RLD65PZX2
Datasheet
https://www.rohm.com/
© 2019 ROHM Co., Ltd. All rights reserved.
2019.5 - Rev.011
Application
Sensor
Bar-code scanner
Ranging
Etc.
Merit
Single mode
Φ5.6 metal stem
Absolute Maximum Ratings (Tc=25°C)
Parameter
Symbol
Ratings
Unit
Optical output
Po
7
mW
Reverse voltage
LD
Vr
2
V
PIN PD
Vr(PD)
20
V
Operating temp.
Top
-10 to 70
°C
Storage temp.
Tstg
-40 to 85
°C
Characteristics (Tc=25°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Threshold current
Ith
-
-
25
35
mA
Operating current
Iop
Po=5mW
-
33
45
mA
Operating voltage
Vop
Po=5mW
-
2.3
2.7
V
Output efficiency
η
2mW/(I(5mW)-I(3mW))
0.4
0.6
1.0
W/A
Monitor current
Im
Po=5mW, Vr(PD)=15V
0.08
0.20
0.50
mA
Beam divergence
θ//
Po=5mW
6.0
8.5
12.0
deg.
θ⊥
24
28
34
deg.
Beam tolerance
⊿
θ//
Po=5mW
-3
0
+3
deg.
⊿
θ⊥
-4
0
+4
deg.
Emission point
accuracy
⊿
XYZ
-
-100
0
+100
μm
Lasing wavelength
λ
Po=5mW
650
658
666
nm
Astigmatic difference
As
NA=0.55, Po=3.5mW
-
5
10
μm
Caution:
θ⊥ and θ// are defined as full width at half maximum.
Operation temperature is regulated by case temperature; Tc
Outline view


Similar Part No. - RLD65PZX2

ManufacturerPart #DatasheetDescription
logo
Rohm
RLD65PZX3 ROHM-RLD65PZX3 Datasheet
711Kb / 9P
650nm Red Single Mode Laser Diode
More results

Similar Description - RLD65PZX2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1134VL SONY-SLD1134VL Datasheet
260Kb / 6P
650nm Pulsation Red Laser Diode
SLD1135VS SONY-SLD1135VS Datasheet
60Kb / 3P
650nm Index-Guided Red Laser Diode
SLD1137VS SONY-SLD1137VS Datasheet
67Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1138VL SONY-SLD1138VL Datasheet
43Kb / 4P
650nm Multimode Red Laser Diode
logo
Rohm
RLD65MZT7 ROHM-RLD65MZT7 Datasheet
712Kb / 9P
650nm Red Single Mode Laser Diode
RLD65NZX1 ROHM-RLD65NZX1 Datasheet
1Mb / 9P
650nm Red Single Mode Laser Diode
RLD65NZX2 ROHM-RLD65NZX2 Datasheet
713Kb / 9P
650nm Red Single Mode Laser Diode
RLD65PZX3 ROHM-RLD65PZX3 Datasheet
711Kb / 9P
650nm Red Single Mode Laser Diode
RLD65NZN5 ROHM-RLD65NZN5 Datasheet
930Kb / 9P
650nm Red Single Mode Laser Diode
2023.6 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com