Electronic Components Datasheet Search
  English  ▼

X  

2EDN752X Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # 2EDN752X
Description  EiceDRIVER?
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDN752X Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button 2EDN752X Datasheet HTML 20Page - Infineon Technologies AG 2EDN752X Datasheet HTML 21Page - Infineon Technologies AG 2EDN752X Datasheet HTML 22Page - Infineon Technologies AG 2EDN752X Datasheet HTML 23Page - Infineon Technologies AG 2EDN752X Datasheet HTML 24Page - Infineon Technologies AG 2EDN752X Datasheet HTML 25Page - Infineon Technologies AG 2EDN752X Datasheet HTML 26Page - Infineon Technologies AG 2EDN752X Datasheet HTML 27Page - Infineon Technologies AG 2EDN752X Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Data Sheet
24
Rev.2.5
2018-04-20
EiceDRIVER™
2EDN752x / 2EDN852x
Typical Characteristics
Figure 18 Output OUTx with reverse current and resulting power dissipation
-7.5
-6.0
-4.5
-3.0
-1.5
-2.25
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
VOUT [V]
REVERSE CURRENT @OUTx
with OUTx LOW
vs REVERSE VOLTAGE
10 W
7.5 W
5 W
2.5 W
Test Conditions:
Tj = 25°C,
1µs negative Pulse
fsw = 1kHz
VDD = 12V
0.0
1.5
3.0
4.5
6.0
7.5
0.75
1.00
1.25
1.50
1.75
2.00
VOUT [V] - VDD
REVERSE CURRENT @OUTx
with OUTx HIGH
vs REVERSE VOLTAGE
10 W
7.5 W
5 W
2.5 W
Test Conditions:
Tj = 25°C,
1µs positive Pulse
fsw = 1kHz
VDD = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com