Electronic Components Datasheet Search
  English  ▼

X  

TSH343ID Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH343ID
Description  280MHz Single - Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH343ID Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH343ID Datasheet HTML 5Page - STMicroelectronics TSH343ID Datasheet HTML 6Page - STMicroelectronics TSH343ID Datasheet HTML 7Page - STMicroelectronics TSH343ID Datasheet HTML 8Page - STMicroelectronics TSH343ID Datasheet HTML 9Page - STMicroelectronics TSH343ID Datasheet HTML 10Page - STMicroelectronics TSH343ID Datasheet HTML 11Page - STMicroelectronics TSH343ID Datasheet HTML 12Page - STMicroelectronics TSH343ID Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TSH343
Power Supply Considerations and improvement of the PSRR
Rev. 2
9/14
3
Power Supply Considerations and improvement of
the PSRR
Correct power supply bypassing is very important for optimizing performance in low and
high-frequency ranges. Bypass capacitors should be placed as close as possible to the IC
pin (pin 4) to improve high-frequency bypassing. A capacitor (CLF) greater than 100uF is
necessary to improve the PSRR in low frequencies. For better quality bypassing, a capacitor
of 470nF (CHF) is added using the same implementation conditions to improve the PSRR in
the higher frequencies.
Figure 25. Circuit for power supply bypassing
The following graph in
Figure 26 shows the evolution of the PSRR against the frequency
when the power supply decoupling is achieved carefuly or not.
Figure 26. PSRR improvement
+VCC
CLF
+
CHF
TSH343
Y
Pb
Pr
4
5
1k
10k
100k
1M
10M
100M
-80
-70
-60
-50
-40
-30
-20
-10
0
without C
LF
C
HF
=470nF
without C
LF
C
HF
=100nF
C
LF
=100uF
C
HF
=470nF
without
capacitor
Vcc=5V
Load=150
Ω
PSRR=20 log (
∆VCC/∆Vout)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com