Electronic Components Datasheet Search
  English  ▼

X  

TLE888X Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE888X
Description  Flexible LIN alternator regulator IC family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE888X Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE888X Datasheet HTML 1Page - Infineon Technologies AG TLE888X Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product brief
TLE888x
Flexible LIN alternator regulator IC family
The Infineon alternator control ICs are monolithic full featured regulators specifically de-
signed for closed loop voltage control for 12 V automotive multi-phase alternators with a
rotating field winding. They are qualified according to AEC-Q100 and tailored to withstand
the harsh conditions of the automotive environment. The regulators are able to commu-
nicate with an engine management or engery management ECU through a standard LIN
interface (LIN 1.3/LIN 2.1/LIN 2.2 – see product table on page 2). The battery voltage is
regulated at a precise value between 10.6 V and 16 V. By using free-adjustable parame-
ters, the regulators are able to operate even without any communication interface.
The family is compliant to various LIN alternator regulator specifications (see product
table on page 2) and thus qualified and released by leading OEMs.
The output driver stage consists of a high-side DMOS for up to 12 A excitation current to
the field winding. The product family provides 8 kV ESD protection for all alternator lines.
The EEPROM with adjustable parameters offers a customization of the alternator to the
specific OEM or application needs.
The TLE8881-2, latest addition to the Infineon LIN alternator regulator IC family, builds
upon the success of the existing ICs (TLE8880, TLE8881, TLE8886) while also offering
several advantages:
› Easy switch from existing applications using MFC or LIN interface
› Flexibility (LIN interface and enhanced EEPROM)
› Enhanced regulation behavior.
Applications
› 12 V automotive alternators with LIN interface
› 12 V truck alternators with LIN interface
› 12 V aftermarket alternators
› 12 V industrial generators
› FulldigitalandfastPIregulation
› High-sideDMOSwithR
DS(on) of 60 mΩ
› LIN1.3,LIN2.1,LIN2.2
› Verylowstand-bycurrentof60µAtyp.
› Reversebatteryprotectedupto-2.5V
› HighESDresistivityof8kV
› Dutycycle-rangefrom
0 to 100 percent
› LoadResponseControl(LRC)
› Temperaturerange-40°Cto175°C
› Digitaltemperaturecompensation
› AvailableinTO-220-5-12with
straight leads
Easy switch
› Assisting functions to simplify
design-in into existing
applications with MFC interface
› Compatible to existing
Infineon LIN alternator ICs
› Compliant to various LIN
generator regulator specifications
Flexibility
› LIN 1.3, LIN 2.1 & LIN 2.2
› Fully configurable LIN IDs and filters
› Enhanced EEPROM for customer
specific adjustments
Enhanced regulation behavior
› Speed dependent current limitation
› Speed and voltage dependent regu-
lation parameter settings
› Adapting overvoltage protection at
low speed (Low HEO)
Key features TLE888x family
Key benefits TLE8881-2TN
www.infineon.com/alternator


Similar Part No. - TLE888X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE888 INFINEON-TLE888 Datasheet
299Kb / 2P
Flexible LIN alternator regulator IC family
09 / 2019
TLE8881-2 INFINEON-TLE8881-2 Datasheet
5Mb / 116P
Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
TLE8881-2-CH INFINEON-TLE8881-2-CH Datasheet
5Mb / 116P
Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
TLE8881-2-TN INFINEON-TLE8881-2-TN Datasheet
5Mb / 116P
Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
TLE8881-3 INFINEON-TLE8881-3 Datasheet
5Mb / 124P
Alternator Control IC with LIN Interface
Rev.1.00 2023-03-10
More results

Similar Description - TLE888X

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRVR101 IRF-IRVR101 Datasheet
110Kb / 15P
LIN Controlled Alternator Voltage Regulator
logo
Freescale Semiconductor...
80310 FREESCALE-80310 Datasheet
951Kb / 31P
Alternator Regulator with LIN High side field driver
80310 FREESCALE-80310_12 Datasheet
858Kb / 31P
Alternator Regulator with LIN
logo
ATMEL Corporation
ATA663231 ATMEL-ATA663231_14 Datasheet
1Mb / 26P
LIN Bus Device Family including Voltage Regulator
ATA663254 ATMEL-ATA663254_14 Datasheet
1Mb / 26P
LIN Bus Device Family including Voltage Regulator
logo
NXP Semiconductors
AR6000 NXP-AR6000 Datasheet
2Mb / 103P
Alternator regulator with LIN
Rev. 5.1-12 October 2017
logo
Infineon Technologies A...
TLE888 INFINEON-TLE888 Datasheet
299Kb / 2P
Flexible LIN alternator regulator IC family
09 / 2019
TLE8881-2 INFINEON-TLE8881-2 Datasheet
5Mb / 116P
Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
logo
NXP Semiconductors
TC80310 NXP-TC80310 Datasheet
937Kb / 31P
Alternator regulator with LIN
Rev. 5.0, 8/2016
logo
STMicroelectronics
L9918 STMICROELECTRONICS-L9918 Datasheet
1Mb / 109P
Alternator voltage regulator with LIN interface for 12 V applications
08-Sep-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com