Electronic Components Datasheet Search
  English  ▼

X  

TSH343IDT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH343IDT
Description  280MHz Single - Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH343IDT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH343IDT Datasheet HTML 4Page - STMicroelectronics TSH343IDT Datasheet HTML 5Page - STMicroelectronics TSH343IDT Datasheet HTML 6Page - STMicroelectronics TSH343IDT Datasheet HTML 7Page - STMicroelectronics TSH343IDT Datasheet HTML 8Page - STMicroelectronics TSH343IDT Datasheet HTML 9Page - STMicroelectronics TSH343IDT Datasheet HTML 10Page - STMicroelectronics TSH343IDT Datasheet HTML 11Page - STMicroelectronics TSH343IDT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electrical Characteristics
TSH343
8/14
Rev. 2
Figure 19. Ibias vs. temperature
Figure 20. Gain deviation vs. temperature
Figure 21. Supply current vs. temperature
Figure 22. Output current vs. temperature
Figure 23. Output higher rail vs. temperature
Figure 24. Gain matching vs. temperature
-40
-20
0
2040
6080
10
12
14
16
18
20
22
24
Vcc=5V
Load=150
Ω
Temperature (°C)
-40
-20
0
204060
80
0,0
0,2
0,4
0,6
0,8
1,0
Gain deviation between
0.3V and 1V input voltages
Vcc=5V
Load=150
Ω
Temperature (°C)
-40
-20
0
2040
6080
10
11
12
13
14
15
16
17
Vcc=5V
no Load
Temperature (°C)
-40
-20
0
20
406080
50
60
70
80
90
100
110
Vcc=5V
Load=150
Ω
Temperature (°C)
-40
-20
0
20406080
3,5
3,6
3,7
3,8
3,9
4,0
4,1
4,2
Vcc=5V
Load=150
Ω
Temperature (°C)
-40
-20
0
204060
80
0,0
0,2
0,4
0,6
0,8
1,0
Gain matching between 3 channels
Vcc=5V
Load=150
Ω
Vin=0.3V and 1V
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com