Electronic Components Datasheet Search
  English  ▼

X  

DS90C124 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C124
Description  5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C124 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90C124 Datasheet HTML 1Page - National Semiconductor (TI) DS90C124 Datasheet HTML 2Page - National Semiconductor (TI) DS90C124 Datasheet HTML 3Page - National Semiconductor (TI) DS90C124 Datasheet HTML 4Page - National Semiconductor (TI) DS90C124 Datasheet HTML 5Page - National Semiconductor (TI) DS90C124 Datasheet HTML 6Page - National Semiconductor (TI) DS90C124 Datasheet HTML 7Page - National Semiconductor (TI) DS90C124 Datasheet HTML 8Page - National Semiconductor (TI) DS90C124 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
LVDS DC SPECIFICATIONS
V
OD
Output Differential Voltage
(D
OUT+)–(DOUT−) (Figure 16)
R
L = 100
Ω, w/o pre-emphasis
VODSEL = L
(VODSEL = H)
D
OUT+,DOUT−
250
(500)
400
(800)
600
(1200)
mV
∆V
OD
Output Differential Voltage
Unbalance
R
L = 100
Ω, w/o pre-emphasis
10
50
mV
V
OS
Offset Voltage
R
L = 100
Ω, w/o pre-emphasis
1.05
1.2
1.25
V
∆V
OS
Offset Voltage Unbalance
R
L = 100
Ω, w/o pre-emphasis
10
50
mV
I
OS
Output Short Circuit Current
DOUT = 0V, DIN = H,
TPWRDND = 2.4V
−35
−50
−70
mA
I
OZ
TRI-STATE Output Current
TPWRDND = 0.8V,
DOUT=0VorV
DD
−10
±110
µA
SER/DES SUPPLY CURRENT (DVDD*, PVDD* and AVDD* pins) *Digital, PLL, and Analog VDDs
I
CCT
Serializer (Tx)
Total Supply Current
(includes load current)
R
L = 100
Ω
Pre-emphasis = OFF
Checker-board pattern
VODSEL=L (Figure 1)
f=35MHz
105
mA
R
L = 100
Ω
RPRE=6k
Ω
Checker-board pattern
VODSEL=L (Figure 1)
f=35MHz
120
mA
Serializer (Tx)
Total Supply Current
(includes load current)
R
L = 100
Ω
R
PRE = OFF
Random pattern
VODSEL=L
f=35MHz
65
mA
R
L = 100
Ω
R
PRE =6k
Ω
Random pattern
VODSEL=L
f=35MHz
80
mA
I
CCTZ
Serializer (Tx)
Supply Current Power-down
TPWRDNB = 0.8V
200
500
µA
I
CCR
Deserializer (Rx)
Total Supply Current
(includes load current)
C
L =8pF
Checker-board pattern
LVTTL Output (Figure 2)
f=35MHz
180
mA
Deserializer (Rx)
Total Supply Current
(includes load current)
C
L =8pF
Random pattern
LVTTL Output
f=35MHz
110
mA
I
CCRZ
Deserializer (Rx)
Supply Current Power-down
RPWRDND = 0.8V
500
750
µA
Serializer Timing Requirements for TCLK
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Units
t
TCP
Transmit Clock Period
28.6
T
200
ns
t
TCIH
Transmit Clock High Time
0.4T
0.5T
0.6T
ns
t
TCIL
Transmit Clock Low Time
0.4T
0.5T
0.6T
ns
t
CLKT
TCLK Input Transition Time
36
ns
t
JIT
TCLK Input Jitter
(Note 9)
±200
ns
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com