Electronic Components Datasheet Search
  English  ▼

X  

PER28 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PER28
Description  28 mm Low Profile Incremental Ring Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PER28 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PER28 Datasheet HTML 1Page - Bourns Electronic Solutions PER28 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PER28 - 28 mm Low Profile Incremental Ring Encoder
Features
n
Lowprofileincrementalencoder
n
High-classrotationalfeel
n
Hapticdetentfeedback
n
RoHScompliant*
Product Dimensions
5
(.197)
120 °
3 PLCS.
10 °
3 PLCS.
10.8
(.425)
15
(.591)
15
(.591)
1
(.039)
17 ± 0.15
(.669 ± .006)
A:
B:
A DIA.
B DIA.
18 ± 0.15
(.701 ± .006)
21.6 ± 0.15
(.850 ± .006)
DIA.
23 ± 0.1
(.901 ± .004)
7.5 ± 0.1
(.295 ± .004)
3 PLCS.
5 +0.1/-0
(.197 +.004/-0)
2.5 +0.2/-0
(.098 +.008/-0)
7.5 ± 0.1
(.295 ± .004)
2 PLCS.
2.5 ± 0.1
(.098 ± .004)
2 PLCS.
2.5
(.098)
DIA. 2 PLCS.
0.6
(.024)
3 PLCS.
4
(.157)
3 PLCS.
4
(.157)
3.5
(.138)
23
(.901)
90 °
1.5
(.059)
2 PLCS.
1.2
(.047)
2 PLCS.
2
(.079)
2 PLCS.
9
(.354)
0.8
(.031)
3 PLCS.
10.2
(.402)
3 PLCS.
R:
29.5
(1.161)
28
(1.102)
3 +0.1/-0
(.118 +.004/-0)
3 PLCS.
B
C
A
3 +0.2/-0
(.118 +.008/-0)
1.5 +0/-0.1
(.059 +0/-.004)
2 PLCS.
Specificationsaresubjecttochangewithoutnotice.Usersshouldverifyactualdeviceperformanceintheirspecific
applications.Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthe
lastpageofthisdocument,andat
www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Quadrature Output Table
ON
OFF
ON
OFF
CW
D
Suggested Filter Circuit
A Signal
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01 F
0.01 F
ENCODER
CW
D
ON
OFF
B Signal
12
DIMENSIONS:
MM
(INCHES)
Electrical Characteristics
Output������������������������2-bit quadrature code
Contact Rating����������������� 10 mA @ 5 V DC
Insulation Resistance
���������������������100 megohms @ 250 V DC
Dielectric Withstanding Voltage
Sea Level����������������������������������300 V AC
Electrical Travel �������������������������Continuous
Contact Bounce (15 RPM)������� 2 ms max�**
Environmental Characteristics
Operating Temperature����� -30 °C to +80 °C
Storage Temperature�������� -40 °C to +85 °C
IP Rating��������������������������������������������� IP 40
Mechanical Characteristics
RPM (Operating) ����������������������������60 max�
Mechanical Angle �������������360 ° continuous
Detent Torque���������������������50 to 250 gf-cm
Rotational Life������������������������50,000 cycles
Soldering Condition
Wave Soldering������ 230 °C for 3 seconds
Manual Soldering��� 300 °C for 3 seconds
Recommended PCB Layout
28.9 ± 0.05
(1.138 ± .002)
23 ± 0.05
(.906 ± .002)
1.6
(.063)
2 PLCS.
A C B
2.6
(.102)
2 PLCS.
1.5 +0.1/-0
(.059 +.004/-0)
DIA. 2 PLCS.
1 +0.1/-0
(.039 +.004/-0)
DIA. 3 PLCS.
16
(.630)
DIMENSIONS:
MM
(INCHES)
How To Order
PER28 1 - P1 15 - N 0015
Model
Number of Units
1 = Single
Orientation
P = PC Pins
Down Facing
Detent Option
1 = 30 Detents (15 Pulses)
Ring Height
15 = 15 mm
Switch Configuration
N = No Switch
Resolution
0015 = 15 Pulses per 360 ° Rotation
04/21
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES CONTACT
* RoHSDirective2015/863,Mar31,2015andAnnex.
** Devicesaretestedusingstandardnoisereduction
filters.Foroptimumperformance,designersshould
usenoisereductionfiltersintheircircuits.


Similar Part No. - PER28

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PER20 EDI-PER20 Datasheet
56Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL-WAVE BRIDGE 4.0 AMPERES FOR P.C. BOARD MOUNTING
logo
Bourns Electronic Solut...
PER21 BOURNS-PER21 Datasheet
382Kb / 3P
PER21 - 21 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER211-P115-N0009 BOURNS-PER211-P115-N0009 Datasheet
382Kb / 3P
PER21 - 21 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER23 BOURNS-PER23 Datasheet
384Kb / 3P
PER23 - 23 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER231-P19-N0010 BOURNS-PER231-P19-N0010 Datasheet
384Kb / 3P
PER23 - 23 mm Low Profile Incremental Ring Encoder
REV. 07/21
More results

Similar Description - PER28

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
12 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
16 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
12 mm Incremental Encoder
PER35 BOURNS-PER35 Datasheet
560Kb / 3P
35 mm Low Profile Incremental Ring Encoder
PER56 BOURNS-PER56 Datasheet
458Kb / 3P
56 mm Low Profile Incremental Ring Encoder
PER21 BOURNS-PER21 Datasheet
382Kb / 3P
PER21 - 21 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER23 BOURNS-PER23 Datasheet
384Kb / 3P
PER23 - 23 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER60 BOURNS-PER60 Datasheet
494Kb / 3P
PER60 - 60 mm Low Profile Incremental Ring Encoder
12/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com