Electronic Components Datasheet Search
  English  ▼

X  

ICS290PG Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS290PG
Description  Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS290PG Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS290PG Datasheet HTML 1Page - Integrated Circuit Systems ICS290PG Datasheet HTML 2Page - Integrated Circuit Systems ICS290PG Datasheet HTML 3Page - Integrated Circuit Systems ICS290PG Datasheet HTML 4Page - Integrated Circuit Systems ICS290PG Datasheet HTML 5Page - Integrated Circuit Systems ICS290PG Datasheet HTML 6Page - Integrated Circuit Systems ICS290PG Datasheet HTML 7Page - Integrated Circuit Systems ICS290PG Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICS290
MDS 290 C
1
Revision 062305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
PRELIMINARY INFORMATION
Description
The ICS290 field programmable spread spectrum
clock synthesizer generates up to eight high-quality,
high-frequency clock outputs including multiple
reference clocks from a low-frequency crystal input. It
is designed to replace crystals, crystal oscillators and
stand alone spread spectrum devices in most
electronic systems.
Using ICS’ VersaClockTM software to configure PLLs
and outputs, the ICS290 contains a One-Time
Programmable (OTP) ROM for field programmability.
Programming features include input/output
frequencies, spread spectrum amount, eight selectable
configuration registers and up to two sets of four
low-skew outputs.
Using Phase-Locked Loop (PLL) techniques, the
device runs from a standard fundamental mode,
inexpensive crystal, or clock. It can replace multiple
crystals and oscillators, saving board space and cost.
The ICS290 is also available in factory programmed
custom versions for high-volume applications.
Features
• Packaged as 20-pin TSSOP
• Eight addressable registers
• Replaces multiple crystals and oscillators
• Output frequencies up to 200 MHz at 3.3 V
• Configurable Spread Spectrum Modulation
• Input crystal frequency of 5 to 27 MHz
• Clock input frequency of 3 to 166 MHz
• Up to eight reference outputs
• Up to two sets of four low-skew outputs
• Operating voltages of 3.3 V
• Controllable output drive levels
• Advanced, low-power CMOS process
• Available in Pb (lead) free packaging
Block Diagram
Crystal
Oscillator
GND
3
3
VDD
PDTS
PLL2
PLL3
Divide
Logic
and
Output
Enable
Control
S2:S0
CLK1
CLK8
CLK7
CLK6
CLK5
CLK4
CLK3
CLK2
3
OTP
ROM
with PLL
Values
X2
Crystal or
Clock Input
External capacitors
are required with a crystal input.
X1/ICLK
PLL1 with
Spread
Spectrum


Similar Part No. - ICS290PG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS290 IDT-ICS290 Datasheet
114Kb / 9P
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
More results

Similar Description - ICS290PG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS291 ICST-ICS291 Datasheet
172Kb / 8P
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
ICS281 ICST-ICS281 Datasheet
169Kb / 8P
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
Revision 062205
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
Spread Spectrum Clock Synthesizer
Revision 082305
logo
Integrated Device Techn...
ICS291 IDT-ICS291 Datasheet
222Kb / 10P
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
ICS291 IDT-ICS291_10 Datasheet
226Kb / 10P
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
ICS280 IDT-ICS280 Datasheet
110Kb / 9P
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
ICS290 IDT-ICS290 Datasheet
114Kb / 9P
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
logo
Renesas Technology Corp
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com