Electronic Components Datasheet Search
  English  ▼

X  

PER56 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PER56
Description  56 mm Low Profile Incremental Ring Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PER56 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PER56 Datasheet HTML 1Page - Bourns Electronic Solutions PER56 Datasheet HTML 2Page - Bourns Electronic Solutions PER56 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PER56 - 56 mm Low Profile Incremental Ring Encoder
Features
n
Lowprofileincrementalencoder
n
High-classrotationalfeel
n
Hapticdetentfeedback
n
RoHScompliant*
Electrical Characteristics
Output���������������������������� 2-bit quadrature code
Contact Rating����������������������10 mA @ 5 V DC
Insulation Resistance
����������������������������������� 100 M٠@ 250 V DC
Dielectric Withstanding Voltage
Sea Level�������������������������������������� 300 V AC
Electrical Travel ����������������������������� Continuous
Contact Bounce (15 RPM)������������2 ms max�**
Environmental Characteristics
Operating Temperature����������-20 °C to +70 °C
Storage Temperature�������������-40 °C to +85 °C
IP Rating��������������������������������������������������IP 40
Soldering Condition
Wave Soldering ��������������������� 260 °C for 5 s
Manual Soldering������������������� 300 °C for 3 s
Mechanical Characteristics
RPM (operating) ����������������������������������60 max�
Mechanical Angle ������������������360 ° continuous
Detent Torque������������������������� 50 to 200 gf-cm
Rotational Life���������������������������� 50,000 cycles
Product Dimensions
Quadrature Output Table
Recommended PCB Layout
ON
OFF
ON
OFF
CW
D
Suggested Filter Circuit
A Signal
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01 F
0.01 F
ENCODER
CW
D
ON
OFF
B Signal
12
* RoHSDirective2015/863,Mar31,2015andAnnex.
** Devicesaretestedusingstandardnoisereductionfilters.Foroptimumperformance,designersshouldusenoise
reductionfiltersintheircircuits.
Specificationsaresubjecttochangewithoutnotice.Usersshouldverifyactualdeviceperformanceintheirspecific
applications.Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthe
lastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
2.00
(.097)
40 °
30 °
6.20
(.244)
10.75 ± 0.2
(.423 ± .008)
3.70 ± 0.05
(.146 ± .002)
45.50 ± 0.3
(1.79 ± .012)
DIA.
3.10 +0.1/-0
(.122 +.004/-0)
3.00
(.118)
10.00
(.394)
5.20
(.205)
3 PLCS.
5.50
(.217)
10.36
(.406)
3.75
(.150)
5.50
(.217)
0.35
(.014)
0.80
(.031)
3 PLCS.
3.50
(.138)
5.00
(.197)
40.60
(1.60)
DIA.
46.987
(1.85)
DIA.
56.50
(2.22)
DIA.
30.00
(1.18)
1.20
(.048)
2.0 °
1 °
11 °
14 °
3.569
(.141)
3 PLCS.
2.00
(.079)
DIA.
2 PLCS.
0.5
(.020)
C
3.00
(.118)
2 PLCS.
1.00
(.039)
2 PLCS.
22.00
(.866)
120 °
3 PLCS.
40 °
14 °
11 °
2-6 °
1 °
46.987
(1.85)
DIA.
2.20
(0.87)
DIA. 4 PLCS.
DIA. 2 PLCS.
1.00 +0.1/-0
(0.39 +.004/-0)
DIA. 3 PLCS.
30.00
(1.18)
5.00
(.197)
48.0
(1.89)
DIA.
58.0
(2.28)
DIA.
60.0
(2.36)
DIA.
3.20
(.126)
DIA. 3 PLCS.
4.00
(.157)
120 °
3 PLCS.
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES CONTACT


Similar Part No. - PER56

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PER EDI-PER Datasheet
56Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL-WAVE BRIDGE 4.0 AMPERES FOR P.C. BOARD MOUNTING
logo
AAEON Technology
PER-1100 AAEON-PER-1100 Datasheet
263Kb / 1P
Riser card for EMB-830
PER-1110 AAEON-PER-1110 Datasheet
281Kb / 1P
Riser Card For Compact Board And Mini-ITX Series
PER-A123 AAEON-PER-A123 Datasheet
275Kb / 2P
gigabit ethernet
PER-A133 AAEON-PER-A133 Datasheet
275Kb / 2P
gigabit ethernet
More results

Similar Description - PER56

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
12 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
16 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
12 mm Incremental Encoder
PER28 BOURNS-PER28 Datasheet
405Kb / 2P
28 mm Low Profile Incremental Ring Encoder
PER35 BOURNS-PER35 Datasheet
560Kb / 3P
35 mm Low Profile Incremental Ring Encoder
PER21 BOURNS-PER21 Datasheet
382Kb / 3P
PER21 - 21 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER23 BOURNS-PER23 Datasheet
384Kb / 3P
PER23 - 23 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER60 BOURNS-PER60 Datasheet
494Kb / 3P
PER60 - 60 mm Low Profile Incremental Ring Encoder
12/21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com