Electronic Components Datasheet Search
  English  ▼

X  

LS1028ARDBFS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LS1028ARDBFS
Description  Converged Industrial Networking for Industry 4.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1028ARDBFS Datasheet(HTML) 1 Page - NXP Semiconductors

  LS1028ARDBFS Datasheet HTML 1Page - NXP Semiconductors LS1028ARDBFS Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The LS1028A family is designed for industrial applications
that require high reliability and long life in challenging
environments, and includes industrial qualification, support
for 125° C junction temperature and NXP’s commitment to
production for a minimum of 15 years.
REFERENCE DESIGN BOARD
The LS1028A reference design board (RDB) is an evaluation
and development kit featuring the LS1028A industrial
application processor and supports many of the features of the
LS1028A SoC. The RoHS-compliant LS1028ARDB is an ideal
platform to start on for industrial gateway, HMI, and industrial
control designs. The board can be used as a starting place for
software development and as a reference for the final hardware
design, helping to reduce time-to-market. The board comes
in an enclosure, allowing easy deployment for demonstrations
and test beds.
PROCESSOR OVERVIEW
As industrial OEMs design solutions for Industry 4.0, they
must converge the operations technology (OT) domain with
their information technology (IT) infrastructure. Operations
Technology networks require guaranteed and timely delivery
of packets, not the typical best-effort approach used in IT
networks today. At the same time, current technologies in the
OT domain are often limited to 10-100 Mbps, and do not have
the bandwidth to support new technologies being applied to
manufacturing, such as high-definition video. Time-sensitive
networking supports legacy IT equipment and OT equipment
on the same network, enabling Gigabit bandwidth while
simplifying network deployment and management.
Converged
Industrial
Networking for
Industry 4.0
Designed to enable the convergence of information technology and industrial traffic on
a standard Ethernet network with integrated support for IEEE TSN, the LS1028A family
of industrial application processors include 3-D graphics, multi-channel audio, TSN-
enabled Ethernet networking, and high performance PCIe Gen 3.0 interfaces.
LS1028A Reference Design Board
LS1028ARDB


Similar Part No. - LS1028ARDBFS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
LS1020A FREESCALE-LS1020A Datasheet
964Kb / 71P
TWR-LS1021A Reference Manual
LS1021A FREESCALE-LS1021A Datasheet
964Kb / 71P
TWR-LS1021A Reference Manual
logo
NXP Semiconductors
LS1021A NXP-LS1021A Datasheet
2Mb / 205P
QorIQ LS1021A Data Sheet
Rev. 5, 09/2017
LS1021A-IOT NXP-LS1021A-IOT Datasheet
4Mb / 71P
QorIQ LS1021A-IOT Gateway Reference Design Board Reference
Rev. 0, 03/2015
LS1021A-IOT-B NXP-LS1021A-IOT-B Datasheet
4Mb / 71P
QorIQ LS1021A-IOT Gateway Reference Design Board Reference
Rev. 0, 03/2015
More results

Similar Description - LS1028ARDBFS

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT10710 DATATRONICS-PT10710 Datasheet
88Kb / 1P
PULSE TRANSFORMERS FOR DATA NETWORKING
logo
Freescale Semiconductor...
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
List of Unclassifed Man...
CMA4000 ETC2-CMA4000 Datasheet
583Kb / 2P
Polycom Converged Management Application 4000
CMA5000 ETC2-CMA5000 Datasheet
549Kb / 2P
Polycom Converged Management Application 5000
logo
Sumida Corporation
CEP1112 SUMIDA-CEP1112 Datasheet
230Kb / 1P
Pulse transformer for Industry
CEP1112 SUMIDA-CEP1112_17 Datasheet
421Kb / 2P
Pulse transformer for Industry.
logo
NIHON DEMPA KOGYO
WF994A0056RC NDK-WF994A0056RC Datasheet
785Kb / 1P
For High Precision Industry
WF555E0037KB NDK-WF555E0037KB_18 Datasheet
763Kb / 1P
For High Precision Industry
logo
Advantech Co., Ltd.
SKY-9232D3 ADVANTECH-SKY-9232D3 Datasheet
1Mb / 2P
2U 4Node Rackmount Server for Hyper-converged Infrastructure and Storage
21-Apr-2021
SKY-9240 ADVANTECH-SKY-9240 Datasheet
1Mb / 3P
2U4N Rackmount Server, Designed for Hyper-converged and HPC Application
10-Feb-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com