Electronic Components Datasheet Search
  English  ▼

X  

R5-SV1AS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R5-SV1AS
Description  Remote I/O R5 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-SV1AS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R5-SV1AS Datasheet HTML 1Page - M-System Co.,Ltd. R5-SV1AS Datasheet HTML 2Page - M-System Co.,Ltd. R5-SV1AS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R5-SV1A
R5-SV1A SPECIFICATIONS
ES-7568 Rev.7 Page 2/3
http://www.m-system.co.jp/
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
FUNCTIONS
• Zero/Span Adjustment Modes
Monitor Mode
Re-transmits the input signal as output in proportion.
Output 0 % Adjustment Mode
Adjusts the 0 % output signal using the front UP/DOWN
buttons, in monitoring the output value with a multimeter.
SW1 through SW3 switch the internal increments by 1, 5
and 10.
Output 100 % Adjustment Mode
Adjusts the 100 % output signal using the front UP/DOWN
buttons, in monitoring the output value with a multimeter.
SW4 through SW6 switch the internal increments by 1, 5
and 10.
Simulated Output Mode
Outputs the simulated signals of 0 %, 50 % and 100 %.
• How to Operate
1) Start up in Monitor Mode (SW position = 0) and wait for 2
or 3 seconds.
2) Switch to another mode and go through the adjustments.
3) Reset the switch to the position ‘0’ so that the new
setting is stored in the internal memory.
EXTERNAL VIEW
RUN LED
1
Input
2 3 4 5 6 7 8
Zero/Span Adj.
Mode Selector
3
2
4 5 6
1 2 3
RUN
UP
DOWN
UP Button
DOWN Button
■ SIDE VIEW
■ FRONT VIEW
Euro Type
Connector Terminal



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com