Electronic Components Datasheet Search
  English  ▼

X  

NRA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # NRA
Description  Position Sensors BRUSHLESS ANGLE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

NRA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  NRA Datasheet HTML 1Page - M-System Co.,Ltd. NRA Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: NRA
NRA SPECIFICATIONS
ES-9266 Rev.3 Page 1/2
http://www.m-system.co.jp/
Position Sensors
BRUSHLESS ANGLE SENSOR
(90° use)
Functions & Features
• Providing a DC voltage output proportional to rotating
angle
• No mechanical contact
mm (inch)
MODEL: NRA–1–T
ORDERING INFORMATION
• Code number: NRA-1-T
ACTION
1: Direct (the output increases when the input stem,
as it is faced, is turned clockwise.)
POWER INPUT
DC Power
T: 5 V DC
RELATED PRODUCTS
•Angle sensor transmitter (model: PNS)
GENERAL SPECIFICATIONS
Material
Housing: ABS
Shaft: SUS303
Leadwire: UL1007 AWG24, 200 mm (7.87") long
INPUT SPECIFICATIONS
Input: Mechanical rotating angle
Effective rotating angle: Approx. -55° – +55° (110°)
Linearity-assured range: -45° – +45° (90°)
Mechanical rotating angle: Approx. -55° – +55° (110°)
Torque: 0.00147 N·m (0.00108 ft·lbs)
Stopper strength: 0.098 N·m (0.0723 ft·lbs)
OUTPUT SPECIFICATIONS
Output: 40 – 60 % of excitation supply (within linearity-
assured range)
Output resistance: Approx. 12 kΩ
Output waveform: Sinusoidal, full-wave rectified
Output characteristics: Proportional to the input angle
within the linearity-assured range
0
+45°
–45°
2.0
2.5
3.0
+55°
–55°
Linearity Assured
Effective Rotating Angle
at 5V supply voltage
INSTALLATION
Power input
•DC: 5 V DC ±10 %
Current consumption: Approx. 2 mA
Operating temperature: -20 to +60°C (-4 to +140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Environemnt: Protect from strong magnetic field.
Vibration: ≤ 2 G (19.6 m/s2)
Mounting position: All directions
Thickness of mounting panel: 2.5 – 5 mm
(0.10" – 0.20")
Weight: 50 g (1.76 oz)
PERFORMANCE
"Span" means the output span of linearity-assured range.
Linearity: ±0.5 % (of span)
Accuracy of the span: ±7 % of excitation supply
Output accuracy with 0°input: ±1% of exc. supply
Temp. coefficient: ±0.009 % / °C (±0.005 % / °F) or ±90
ppm / °C (±50 ppm / °F) of span
Resolution: Infinite
Dielectric strength: 1000 V AC @ 1 minute (circuit to
housing)


Similar Part No. - NRA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRA104K04 ETC1-NRA104K04 Datasheet
1Mb / 27P
High-Temperature Durability
NRA104K06 ETC1-NRA104K06 Datasheet
1Mb / 27P
High-Temperature Durability
NRA104K10 ETC1-NRA104K10 Datasheet
1Mb / 27P
High-Temperature Durability
NRA104K16 ETC1-NRA104K16 Datasheet
1Mb / 27P
High-Temperature Durability
NRA104K20 ETC1-NRA104K20 Datasheet
1Mb / 27P
High-Temperature Durability
More results

Similar Description - NRA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EI1805I020 ETC2-EI1805I020 Datasheet
76Kb / 2P
Proximity Sensors Inductive Analogue Position Sensor
logo
SICK AG
MPA-719THTP0 SICK-MPA-719THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-143THTP0 SICK-MPA-143THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-251THTP0 SICK-MPA-251THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-395THTP0 SICK-MPA-395THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-539THTP0 SICK-MPA-539THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-863THTP0 SICK-MPA-863THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-899THTP0 SICK-MPA-899THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-575THTP0B01 SICK-MPA-575THTP0B01 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
logo
ZF Friedrichshafen AG
AN1 ZFSWITCHES-AN1 Datasheet
360Kb / 2P
Intrinsically Linear Angle Position Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com