Electronic Components Datasheet Search
  English  ▼

X  

MSRPAC10 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MSRPAC10
Description  PC Recorder Series PC RECORDER SOFTWARE PACKAGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSRPAC10 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MSRPAC10 Datasheet HTML 1Page - M-System Co.,Ltd. MSRPAC10 Datasheet HTML 2Page - M-System Co.,Ltd. MSRPAC10 Datasheet HTML 3Page - M-System Co.,Ltd. MSRPAC10 Datasheet HTML 4Page - M-System Co.,Ltd. MSRPAC10 Datasheet HTML 5Page - M-System Co.,Ltd. MSRPAC10 Datasheet HTML 6Page - M-System Co.,Ltd. MSRPAC10 Datasheet HTML 7Page - M-System Co.,Ltd. MSRPAC10 Datasheet HTML 8Page - M-System Co.,Ltd. MSRPAC10 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MODEL: MSRPAC-2010
MSRPAC SPECIFICATIONS
ES-7404 Rev.3 Page 2/10
http://www.m-system.co.jp/
SYSTEM REQUIREMENTS (provided by the user)
■ MSR128-V6
NORMAL MODE (storing rates ≥ 500 ms)
HIGH SPEED MODE (storing rates 100 / 200 ms)
PC
IBM PC/AT or compatible
Operating system
Windows XP SP1, SP2, Windows Vista Business (32-bit), Windows 7 Professional (32-bit) or
Windows 10 (32-bit, 64-bit)
Note: Proper software functions may not be ensured under certain conditions.
CPU
Pentium III 800 MHz or higher
Pentium IV 2.0 GHz or higher
Screen area
1024 by 768 pixels or better resolution
Display color
65000 colors (16-bit)
Video memory
2 MB minimum; 4 MB recommended
4 MB minimum
Main memory
256 MB recommended for Windows XP
1 GB recommended for Windows Vista, Windows 7,
Windows 10
512 MB recommended for Windows XP
1 GB recommended for Windows Vista, Windows 7,
Windows 10
Hard disk area
Use an internal hard disk.*
1
Max. approx. 100 MB required per day.
Use an internal hard disk.*
1
Max. approx. 500 MB required per day.
Printer
Use a printer for Windows. The programs use Standard System Fonts used in Windows.
Use a printer driver for Standard System Fonts.
CD drive
Windows supported CD drive is used to install the software program.
Card reader drive
Used with devices which save data in a CF Card
Communication port
RS-232-C port (COM1 through COM5) supported
LAN card
LAN card by Windows
*1. External (e.g. SCSI) devices may impair appropriate performance.
■ MSR128LS, MSR128LV
MSR128LS
MSR128LV
PC
IBM PC/AT or compatible
Operating system
Windows XP SP1 or SP2.
For High Speed Mode (Group 0, 50 msec. storing cycle), use Windows XP SP1, SP2.
Note: Proper software functions may not be ensured under certain conditions.
CPU
Pentium II 233 MHz or higher*
2
Screen area
800 by 600 pixels or better resolution
640 by 480 pixels or better resolution
Display color
65000 colors (16-bit)
Main memory
256 MB for Windows XP
Hard disk area
200 MB minimum*
3
Follow the respective OS’s standard for Windows XP.
CD drive
Windows supported CD drive is used to install the software program.
Communication port
RS-232-C port (COM1 through COM5) supported by Windows*
4 or LAN communication card
*2. Alternately, Celeron 300 MHz or higher with the secondary cache.
For High Speed Mode (Group 0, 50 msec. storing cycle), Pentium III 800 MHz or higher.
*3. External (e.g. SCSI) devices may impair appropriate performance.
*4. The RS-232-C port may be prede ned for other purposes than for COM port.
Driver software change or system con guration may be required before using such a port.
Note 1: At 50 msec. storing cycle (Group 0), the MSR128LS/LV may not be able to store every bit of data depending upon the PC’s perfor-
mance levels. These missing data will be substituted by the last stored data. Only one (1) node is connectable in the high speed
mode.
Note 2: Please refer to the hardware data sheet for response time of the module.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com