Electronic Components Datasheet Search
  English  ▼

X  

MSR2KV6 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # MSR2KV6
Description  PC Recorder Series MSRpro SOFTWARE PACKAGE Ver.6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSR2KV6 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  MSR2KV6 Datasheet HTML 1Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 2Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 3Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 4Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 5Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 6Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 7Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 8Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MODEL: MSR2K-V6
MSR2K-V6 SPECIFICATIONS
ES-7405 Rev.3 Page 5/14
http://www.m-system.co.jp/
CLIENT/ANALYZER SOFTWARE (MSR2K-C)
■ HARDWARE REQUIREMENTS
HARDWARE
REQUIREMENTS
PC
IBM PC/AT or compatible
Operating system
Windows 7 Professional (32-bit, 64-bit) or Windows 10 Professional (32-bit, 64-bit)
CPU
Pentium IV 2.0 GHz or higher
Screen area
XGA (1024 by 768 pixels) or better resolution; SXGA (1280 by 1024 pixels) recommended to show 50 or
more groups
Display color
65000 colors (16 bits)
Main memory
512 MB minimum; 1 GB minimum recommended
CD drive
Windows supported CD drive is used to install the software program.
Communication port
LAN card by Windows
NOTE: When the Server and the Client are used on the same PC, the PC must satisfy the Server’s system requirements.
■SOFTWARE FUNCTIONS
The Client/Analyzer displays data on the screen and performs data setting. The Client can be installed in a separate PC from the
one installed with the Server.
•Data Display
Number of display channels: 32 pens are grouped to be displayed on one view; 64 groups in total for 2048 channels.
•Real Time Trend Display
Perpendicular chart: The latest data at the top or the bottom selectable
Horizontal chart: The latest data at the right or the left selectable
Pen position indicator: Marker, digital value, bargraph or color graph
Overview: Displays data for the all channels within a group (32 pens) or 4 groups (128 pens)
Graphic panel: Displays data on a graphic background
Real time analyzer: Overlapping, masking
•Batch Operation
Batch operation storing: Starts/stops batch operation data storing in specific conditions per group (32 pens), and stores data
in CSV file at a specified location
Storing rate: 1, 2, 5, 10, 20, 30 sec., 1, 10 minutes
Real time trend display: Displays batch data currently in operation with a specified background color
Trend retrieval: Displays batch data spred in the past
Compare: Overlapping a presently stored data on a past data, or multiple sets of retrieved data
Maximum data volume: 65000 rows; 36 hours or 65000 rows, whichever comes first, with the end condition set to 'time'
•Trend retrieval
Alarm history: Historical data indicating the time indexes when an alarm is triggered and reset.
•Analyzer
Enlarge: Enlarges the area by mouse clicking
Compare: Overlapping multiple sets of retrieved data
Search: Maximum value, minimum value, conditioning, rising/sinking edges
Maximum number of clients: 4
CAUTION: The MSR128 data cannot be imported into the MSR2K.
■ I/O DEVICE
Depends on I/O device of server software (model: MSR2K-S).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com