Electronic Components Datasheet Search
  English  ▼

X  

MSP5D Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # MSP5D
Description  Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP5D Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  MSP5D Datasheet HTML 1Page - M-System Co.,Ltd. MSP5D Datasheet HTML 2Page - M-System Co.,Ltd. MSP5D Datasheet HTML 3Page - M-System Co.,Ltd. MSP5D Datasheet HTML 4Page - M-System Co.,Ltd. MSP5D Datasheet HTML 5Page - M-System Co.,Ltd. MSP5D Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: MSP5D
MSP5D SPECIFICATIONS
ES-4804 Rev.8 Page 5/6
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
OUTPUT STEM HOLE SIZE M
CODE
DIA.
PITCH
DEPTH
6
M 6
0.75
8
M 8
1.0
1
M10
1.25
15
D
M 6
1.0
E
M 8
1.25
F
M10
1.5
42 (1.65) 43 (1.69)
85 (3.35)
43 (1.69)
16 (.63)
46 (1.81) dia.
4–M5 10 (.39) deep
36 –0.1 dia.
0
66 (2.60) dia.
M (See the stem size table)
YOKE CONNECTION
YOKE SURFACE
*40 (1.57) max. for the stroke 5 – 10 mm
SCHEMATIC CIRCUITRY
CPU
Comm.
Circuit
M
POWER
Motor
Driver
STEPPING
MOTOR
Position
Detector
S
Z
POT
Isolation
Power Detection
Power
Circuit
DIP SW
INDICATOR
LED
To Other
DeviceNet
Devices



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com