Electronic Components Datasheet Search
  English  ▼

X  

MSP50 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MSP50
Description  Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP50 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MSP50 Datasheet HTML 1Page - M-System Co.,Ltd. MSP50 Datasheet HTML 2Page - M-System Co.,Ltd. MSP50 Datasheet HTML 3Page - M-System Co.,Ltd. MSP50 Datasheet HTML 4Page - M-System Co.,Ltd. MSP50 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: MSP50
MSP50 SPECIFICATIONS
ES-4884 Rev.0 Page 3/5
http://www.m-system.co.jp/
PERFORMANCE
Resolution: 1/1000 of the output stem operation distance or
0.015 mm, whichever is greater, with the deadband set to
0.1 %
Insulation resistance: Power or I/O signal to Retract/UP
signal to Extend/DOWN signal to alarm output to
communication to housing
≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @1 minute
(Power or I/O signal to Retract/UP signal to Extend/DOWN
signal to alarm output to communication to housing)
STANDARDS & APPROVALS
•RoHS Directive
EN 50581
TERMINOLOGY
•Auto-Setup function
Function to automatically adjust the Full-closed (lower-end)
position and the Full-open (upper-end) position with simple
operation.
•Modbus communication
Operation status of the actuator can be monitored during
normal operation for ensuring safe operation of the product
and supporting equipment maintenance.
Via Modbus communication, the following data can be
monitored to grasp the operation status of the actuator.
- No. of times of start actions of the stepping motor
- No. of times of reverse actions of the stepping motor
- Accumulated operating time of the stepping motor
- Accumulated operation distance of the output stem
- No. of times of restart when an excessive thrust error
occurs
- Excessive thrust error
•Excessive thrust monitoring
Function to stop the stepping motor when an excessive
thrust is detected.
Specifically, the unit constantly monitors the position of the
output stem while the stepping motor is driven.
When the unit detects that the output stem is not following
the driving of the motor, the motor is paused, then
restarted at a low speed.
If the output stem does not follow the motor after two times
of restart, an error of excessive thrust occurs and the
stepping motor is stopped.
•Operation at abnormally low input
Function to drive the stepping motor before stopping it to
operate the output stem to 'Retract (UP)', 'Extend (DOWN)',
or 'Stop' according to the initial setting when the unit
detects abnormally low input.
The unit detects an error when current input (4-20 mA DC)
is lower than 2.56mA DC±0.4mA DC) or voltage input (1-5V
DC) is lower than 0.64V DC±0.1V DC).
•Deadband
Linear resolution
•Restart limiting Timer
The restart limiting timer is set for preventing frequent stop-
and-restart operation of the motor.
That is, when the motor stops, the motor waits for a set
period of time instead of stopping and restarting
immediately upon change in input signal.
• Hunting
Hunting is a condition in which the output stem is oscillated
repeatedly and persistently without settling at a single
position.
The output stem operation at the frequency of roughly 13
strokes or less per minute (duty ratio: <50%) is regarded as
normal.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com