Electronic Components Datasheet Search
  English  ▼

X  

VGS-100D Datasheet(PDF) 3 Page - CUI INC

Part # VGS-100D
Description  INTERNAL AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-100D Datasheet(HTML) 3 Page - CUI INC

  VGS-100D Datasheet HTML 1Page - CUI INC VGS-100D Datasheet HTML 2Page - CUI INC VGS-100D Datasheet HTML 3Page - CUI INC VGS-100D Datasheet HTML 4Page - CUI INC VGS-100D Datasheet HTML 5Page - CUI INC VGS-100D Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
date 12/14/2020
│ page 3 of 6
CUI Inc
│ SERIES: VGS-100D │ DESCRIPTION: AC-DC POWER SUPPLY
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to ground, 1 min, <10mA
input to output, 1 min, <10mA
output to ground, 1 min, <5mA
2,000
4,000
500
Vac
Vac
Vac
safety approvals
certified to
62368: IEC, EN, UL
designed to meet 60335: EN
designed to meet 61558: EN
designed to meet GB4943
safety class
Class I
conducted emissions
CISPR32/EN55032 CLASS B
radiated emissions
CISPR32/EN55032 CLASS B
harmonic current
IEC/EN61000-3-2
voltage flicker
IEC/EN 61000-3-3
ESD
IEC/EN 61000-4-2 Contact ±6KV/Air ±8KV perf. Criteria A
radiated immunity
IEC/EN61000-4-3 3V/m perf. Criteria B
EFT/burst
IEC/EN61000-4-4 ±2KV perf. Criteria A
surge
IEC/EN61000-4-5 line to line ±1kV/line to ground ±2kV perf. Criteria A
conducted immunity
IEC/EN61000-4-6 10Vr.m.s perf. Criteria A
voltage dips and interruptions
IEC/EN61000-4-11 0%, 70% perf. Criteria B
MTBF
as per MIL-HDBK-217F at 25°C
300,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-30
70
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
20
90
%
storage humidity
non-condensing
10
95
%
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com