Electronic Components Datasheet Search
  English  ▼

X  

VGS-100W Datasheet(PDF) 2 Page - CUI INC

Part # VGS-100W
Description  INTERNAL AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-100W Datasheet(HTML) 2 Page - CUI INC

  VGS-100W Datasheet HTML 1Page - CUI INC VGS-100W Datasheet HTML 2Page - CUI INC VGS-100W Datasheet HTML 3Page - CUI INC VGS-100W Datasheet HTML 4Page - CUI INC VGS-100W Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 06/04/2021
│ page 2 of 5
CUI Inc
│ SERIES: VGS-100W │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
ac input
dc input
85
120
305
431
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
3
1.5
A
A
inrush current
at 115 Vac, cold start
at 230 Vac, cold start
35
65
A
A
leakage current
at 277 Vac
0.75
mA
no load power consumption
at 230 Vac, 5 Vdc, 12 Vdc, 15 Vdc, 24 Vdc output
at 230 Vac, 36 Vdc, 48 Vdc output
0.3
0.5
W
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
5 Vdc output
12 Vdc output
15 Vdc output
24 Vdc output
36 Vdc output
48 Vdc output
10,000
6,800
3,300
2,200
1,000
470
μF
μF
μF
μF
μF
μF
line regulation
rated load
±0.5
%
load regulation
0% ~ 100%, 5 Vdc output
0% ~ 100%, other outputs
±1
±0.5
%
%
hold-up time
at 115 Vac
at 230 Vac
10
55
ms
ms
switching frequency
65
kHz
temperature coefficient
±0.03
%/°C
adjustability
built in trim pot
±10
%
initial set point accuracy
5 Vdc output
other outputs
±2
±1
%
%
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
5 Vdc output, clamp, auto recovery
12 Vdc output, clamp, auto recovery
15 Vdc output, clamp, auto recovery
24 Vdc output, clamp, auto recovery
36 Vdc output, clamp, auto recovery
48 Vdc output, clamp, auto recovery
7.5
19.2
24
38.4
57.6
60
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
auto recovery
110
160
%
short circuit protection
continuous, hiccup, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to ground, 1 min. <10mA
input to output, 1 min. <10mA
output to ground, 1 min. <10mA
2,000
4,000
1,250
Vac
Vac
Vac
safety approvals
certified to
62368: IEC, EN, UL
designed to meet 60335: IEC, EN
designed to meet 61558: IEC, EN
safety class
class I
EMI/EMC
CISPR 32/EN 55032 Class B, IEC 61000-3-2 Class A
ESD
IEC/EN 61000-4-2 Contact ±6KV/Air ±8KV perf. criteria A
radiated immunity
IEC/EN 61000-4-3 10 V/m perf. criteria A
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com