Electronic Components Datasheet Search
  English  ▼

X  

VGS-150W Datasheet(PDF) 2 Page - CUI INC

Part # VGS-150W
Description  INTERNAL AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-150W Datasheet(HTML) 2 Page - CUI INC

  VGS-150W Datasheet HTML 1Page - CUI INC VGS-150W Datasheet HTML 2Page - CUI INC VGS-150W Datasheet HTML 3Page - CUI INC VGS-150W Datasheet HTML 4Page - CUI INC VGS-150W Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 06/14/2021
│ page 2 of 5
CUI Inc
│ SERIES: VGS-150W │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
ac input
dc input
85
120
305
431
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
4
2
A
A
inrush current
at 115 Vac
at 230 Vac
30
60
A
A
leakage current
at 277 Vac
0.75
mA
no load power consumption
at 250 Vac
0.5
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
12 Vdc output
15 Vdc output
24 Vdc output
36 Vdc output
48 Vdc output
10,000
6,000
2,400
1,200
600
μF
μF
μF
μF
μF
initial set point accuracy
at full load
±1
%
line regulation
at rated load
±0.5
%
load regulation
0% ~ 100% load
±0.5
%
hold-up time
at 115 Vac
at 230 Vac
8
40
ms
ms
switching frequency
65
kHz
temperature coefficient
±0.03
%/°C
adjustability
built in trim pot
±10
%
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
12 Vdc output, hiccup
15 Vdc output, hiccup
24 Vdc output, hiccup
36 Vdc output, hiccup
48 Vdc output, hiccup
16.2
21.75
33.6
48.6
60
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
auto recovery
110
150
%
short circuit protection
hiccup, continuous, auto recovery
over-temperature protection
shut-down, auto recovery
°C
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to ground, 1 min. <10mA
input to output, 1 min. <10mA
output to ground, 1 min. <10mA
2,000
4,000
1,250
Vac
Vac
Vac
safety approvals
certified to
62368: IEC, EN, UL
designed to meet 60335: IEC, EN
designed to meet 61558: IEC, EN
safety class
class I
EMI/EMC
CISPR 32/EN 55032 Class B, IEC 61000-3-2 Class A (≤80% load)
ESD
IEC/EN 61000-4-2 Contact ±6KV/Air ±8KV perf. criteria A
radiated immunity
IEC/EN 61000-4-3 10 V/m perf. criteria A
EFT/burst
IEC/EN 61000-4-4 ±4KV perf. criteria A
surge
IEC/EN 61000-4-5 line to line ±2KV/line to ground ±4KV perf. criteria A
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com