Electronic Components Datasheet Search
  English  ▼

X  

LTST-008EGSW Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTST-008EGSW
Description  SMD LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-008EGSW Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTST-008EGSW Datasheet HTML 5Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 6Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 7Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 8Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 9Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 10Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 11Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 12Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 13Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
10/12
Part No. : LTST-008EGSW
BNS-OD-FC002/A4
SMD LED
LTST-008EGSW
7.5 Drive Method
A LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in parallel in an
application, it is recommended that a current limiting resistor be incorporated in the drive circuit, in series with each LED
as shown in Circuit A below.
Circuit model A
Circuit model B
(A) Recommended circuit.
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics
of those LEDs.
7.6 ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
Use of a conductive wrist band or anti-electrostatic glove when handling these LEDs.
All devices, equipment, and machinery must be properly grounded.
Work tables, storage racks, etc. should be properly grounded.
Use ion blower to neutralize the static charge which might have built up on surface of the LED’s plastic lens as a
result of friction between LEDs during storage and handling.
ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward voltage, or
“ no lightup ” at low currents.
To verify for ESD damage, check for “ lightup ” and Vf of the suspect LEDs at low currents.
The Vf of “ good ” LEDs should be >2.0V@0.1mA for InGaN product and >1.4V@0.1mA for AlInGaP product.
LED
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com