Electronic Components Datasheet Search
  English  ▼

X  

ADPA1107 Datasheet(PDF) 14 Page - Analog Devices

Part # ADPA1107
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPA1107 Datasheet HTML 10Page - Analog Devices ADPA1107 Datasheet HTML 11Page - Analog Devices ADPA1107 Datasheet HTML 12Page - Analog Devices ADPA1107 Datasheet HTML 13Page - Analog Devices ADPA1107 Datasheet HTML 14Page - Analog Devices ADPA1107 Datasheet HTML 15Page - Analog Devices ADPA1107 Datasheet HTML 16Page - Analog Devices ADPA1107 Datasheet HTML 17Page - Analog Devices ADPA1107 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADPA1107
Data Sheet
Rev. 0 | Page 14 of 20
35
0
–10
0
10
20
30
PIN (dBm)
5
10
15
20
25
30
4.8GHz
5.0GHz
5.2GHz
5.4GHz
5.6GHz
5.8GHz
6.0GHz
Figure 43. Power Dissipation vs. PIN,
Drain Bias Pulse Width = 100 µs, 10% Duty Cycle, and TBASE = 85°C
35
0
–10
0
10
20
30
PIN (dBm)
5
10
15
20
25
30
4.8GHz
5.0GHz
5.2GHz
5.4GHz
5.6GHz
5.8GHz
6.0GHz
Figure 44. Power Dissipation vs. PIN,
Drain Bias Pulse Width = 100 µs, 2% Duty Cycle, and TBASE = 85°C
10
1
0.1
0.01
26
46
POUT (dBm)
+85°C
+25°C
–40°C
28
30
32
34
36
38
40
42
44
Figure 45. Detector Voltage (VREF − VDET) vs. POUT at
Various Temperatures and 5.4 GHz
35
0
–10
0
10
20
30
PIN (dBm)
5
10
15
20
25
30
4.8GHz
5.0GHz
5.2GHz
5.4GHz
5.6GHz
5.8GHz
6.0GHz
Figure 46. Power Dissipation vs. PIN,
Drain Bias Pulse Width = 100 µs, 20% Duty Cycle, and TBASE = 85°C
35
0
–10
0
10
20
30
PIN (dBm)
5
10
15
20
25
30
4.8GHz
5.0GHz
5.2GHz
5.4GHz
5.6GHz
5.8GHz
6.0GHz
Figure 47. Power Dissipation vs. PIN,
Drain Bias Pulse Width = 100 µs, 5% Duty Cycle, and TBASE = 85°C
1500
0
–3.0
–2.9
–2.8
–2.7
–2.6
–2.5
–2.4
–2.3
–2.2
VGG1 (V)
100
500
700
900
1100
1300
1400
300
200
400
600
800
1000
1200
Figure 48. IDQ vs. VGG1,
VDD1x and VDD2x = 28 V, Representative of a Typical Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com