Electronic Components Datasheet Search
  English  ▼

X  

HMC545AE Datasheet(PDF) 1 Page - Analog Devices

Part # HMC545AE
Description  GaAs MMIC SPDT SWITCH, DC - 3 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC545AE Datasheet(HTML) 1 Page - Analog Devices

  HMC545AE Datasheet HTML 1Page - Analog Devices HMC545AE Datasheet HTML 2Page - Analog Devices HMC545AE Datasheet HTML 3Page - Analog Devices HMC545AE Datasheet HTML 4Page - Analog Devices HMC545AE Datasheet HTML 5Page - Analog Devices HMC545AE Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC545A / 545AE
v01.0615
GaAs MMIC SPDT
SWITCH, DC - 3 GHz
General Description
Features
Functional Diagram
Low Insertion Loss: 0.27 dB
High Input IP3: +54 dBm
Low DC Power Consumption
Positive Control: 0/+3V to 0/+8V
Ultra Small Package: SOT26
Electrical Specifications
T
A = +25° C, Vctl = 0/+5 Vdc (Unless Otherwise Stated), 50 Ohm System
Typical Applications
The HMC545A / HMC545AE is ideal for:
• Cellular/3G Infrastructure
• Private Mobile Radio Handsets
• WLAN, WiMAX & WiBro
• Automotive Telematics
• Test Equipment
The HMC545A and HMC545AE are low-cost SPDT
switches in 6-lead SOT26 plastic packages for use
in general switching applications which require
very low insertion loss and very small size. With
0.25 dB typical loss, these devices can control
signals from DC to 3.0 GHz and are especially suited
for IF and RF applications including Cellular/3G,
ISM, automotive and portables. The design provides
exceptional insertion loss performance, ideal for filter
and receiver switching. RF1 and RF2 are reflective
shorts when “Off”. The two control voltages require a
minimal amount of DC current and offer compatibility
with CMOS and some TTL logic families.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
0.27
0.3
0.4
0.4
0.5
0.7
dB
dB
dB
Isolation
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
26
22
19
31
26
22
dB
dB
dB
Return Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
24
20
19
17
dB
dB
dB
dB
Input Power for 1 dB Compression
Vctl = 0/+3V
Vctl = 0/+5V
Vctl = 0/+8V
0.5 - 3.0 GHz
20
27
30
23
30
33
dBm
dBm
dBm
Input Third Order Intercept
(Two-tone Input Power = +17 dBm Each Tone)
Vctl = 0/+3V
Vctl = 0/+5V
Vctl = 0/+8V
0.5 - 3.0 GHz
31
51
54
dBm
dBm
dBm
Switching Characteristics
DC - 3.0 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
70
90
ns
ns
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC545AE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC545 HITTITE-HMC545 Datasheet
271Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC545 HITTITE-HMC545 Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC545E HITTITE-HMC545E Datasheet
271Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC545E HITTITE-HMC545E Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
More results

Similar Description - HMC545AE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8 Datasheet
176Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545 Datasheet
271Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_08 Datasheet
178Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194AMS8 AD-HMC194AMS8 Datasheet
297Kb / 4P
GaAs MMIC SPDT SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com